Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2036CCQ+D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2036CCQ+D
Description  Ultrasound VGA Integrated with CW Octal Mixer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2036CCQ+D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2036CCQ+D Datasheet HTML 1Page - Maxim Integrated Products MAX2036CCQ+D Datasheet HTML 2Page - Maxim Integrated Products MAX2036CCQ+D Datasheet HTML 3Page - Maxim Integrated Products MAX2036CCQ+D Datasheet HTML 4Page - Maxim Integrated Products MAX2036CCQ+D Datasheet HTML 5Page - Maxim Integrated Products MAX2036CCQ+D Datasheet HTML 6Page - Maxim Integrated Products MAX2036CCQ+D Datasheet HTML 7Page - Maxim Integrated Products MAX2036CCQ+D Datasheet HTML 8Page - Maxim Integrated Products MAX2036CCQ+D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Ultrasound VGA Integrated
with CW Octal Mixer
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—VGA MODE
(Figure 7, VCC = VREF = 4.75V to 5.25V, VCM = (3/5)VREF, TA = 0°C to +70°C, VGND = 0V, LOW_PWR = 0, M4_EN = 0, CW_FILTER =
1, TEST_MODE = 0, PD = 0, CW_VG = 1, CW_M1 = 0, CW_M2 = 0, VG_CLAMP_MODE = 1, fRF = fLO/16 = 5MHz, capacitance to
GND at each of the VGA differential outputs is 60pF, differential capacitance across the VGA outputs is 10pF, RL = 1kΩ, CW mixer out-
puts pulled up to +11V through four separate ±0.1% 115Ω resistors, differential mixer inputs are driven from a low-impedance source.
Typical values are at VCC = VREF = 5V, TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Mode Select Response Time
CW_VG set from logic 1 to 0 or from 0 to 1
(Note 9)
2µs
VGA MODE
Differential output
capacitance is 10pF,
capacitance to GND at
each single-ended output
is 60pF, RL = 1k
Ω
17
Large-Signal Bandwidth
f-3dB
VOUT = 1.5VP-P,
3dB bandwidth,
gain = 20dB
No capacitive load,
RL = 1k
Ω
22
MHz
Differential Input Resistance
RIN
170
200
230
Ω
Input Effective Capacitance
CIN
fRF = 10MHz, each input to ground
15
pF
Differential Output Resistance
ROUT
100
Ω
Maximum Gain
39.5
dB
Minimum Gain
-10.5
dB
Gain Range
50
dB
TA = +25
°C, -2.0V < VG_CTL < -1.8V,
VREF = 5V
±0.6
TA = +25
°C, -1.8V < VG_CTL < +1.2V,
VREF = 5V
±0.5
Absolute Gain Error
TA = +25
°C, +1.2V < VG_CTL < +2.0V,
VREF = 5V
±1.2
dB
VGA Gain Response Time
50dB gain change to within 1dB final value
1
µs
Input-Referred Noise
VG_CTL set for maximum gain, no input signal
2
nV/√Hz
No input signal
60
Output-Referred Noise
VG_CTL set for
+20dB of gain
VOUT = 1.5VP-P,
1kHz offset
120
nV/√Hz
VG_CLAMP_MODE = 1,
VG_CTL set for +20dB of gain,
fRF = 5MHz, VOUT = 1.5VP-P
-55
-62
Second Harmonic
HD2
VG_CLAMP_MODE = 1,
VG_CTL set for +20dB of gain,
fRF = 10MHz, VOUT = 1.5VP-P
-62
dBc
Third-Order Intermodulation
Distortion
IMD3
VG_CTL set for +20dB of gain,
fRF1 = 5MHz, fRF2 = 5.01MHz,
VOUT = 1.5VP-P, VREF = 5V (Note 3)
-40
-52
dBc
Channel-to-Channel Crosstalk
VOUT = 1VP-P differential, fRF = 10MHz,
VG_CTL set for +20dB of gain
-80
dB


Similar Part No. - MAX2036CCQ+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036CCQ+D MAXIM-MAX2036CCQ+D Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
More results

Similar Description - MAX2036CCQ+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
   Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2038 MAXIM-MAX2038 Datasheet
326Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
   Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
logo
Texas Instruments
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
80Kb / 2P
   Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
   Octal Ultrasound AFE with JESD204B
logo
Maxim Integrated Produc...
MAX2079 MAXIM-MAX2079 Datasheet
3Mb / 49P
   Low-Power, High-Performance, Fully Integrated Octal Ultrasound Receiver (Octal LNA, VGA, AAF, ADC, and CWD Beamformer)
19-5901; Rev 1; 10/12
logo
Texas Instruments
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
[Old version datasheet]   Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
   Octal Ultrasound AFE with Digital Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com