Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2036CCQ+TD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2036CCQ+TD
Description  Ultrasound VGA Integrated with CW Octal Mixer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2036CCQ+TD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2036CCQ+TD Datasheet HTML 1Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 2Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 3Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 4Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2036CCQ+TD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX2036 8-channel variable-gain amplifier (VGA)
and programmable octal mixer array is designed for
high linearity, high dynamic range, and low-noise per-
formance targeting ultrasound imaging and Doppler
applications. Each amplifier features differential inputs
and outputs and a total gain range of 50dB (typ). In
addition, the VGAs offer very low output-referred noise
performance suitable for interfacing with 10-bit ADCs.
The MAX2036 VGA is optimized for less than ±0.5dB
absolute gain error to ensure minimal channel-to-channel
ultrasound beamforming focus error. The device’s differ-
ential outputs are designed to directly drive ultrasound
ADCs through an external passive anti-aliasing filter. A
switchable clamp is also provided at each amplifier’s
output to limit the output signals, thereby preventing
ADC overdrive or saturation.
Dynamic performance of the device is optimized to
reduce distortion to support second-harmonic imaging.
The device achieves a second-harmonic distortion
specification of -62dBc at VOUT = 1.5VP-P and fIN =
5MHz, and an ultrasound-specific* two-tone third-order
intermodulation distortion specification of -52dBc at
VOUT = 1.5VP-P and fIN = 5MHz.
The MAX2036 also integrates an octal quadrature mixer
array and programmable LO phase generators for a
complete CW beamforming solution. The LO phase
selection for each channel can be programmed using a
digital serial interface and a single high-frequency
clock or the LOs for each complex mixer pair can be
directly driven using separate 4 x LO clocks. The serial
interface is designed to allow multiple devices to be
easily daisy-chained in order to minimize program inter-
face wiring. The LO phase dividers can be pro-
grammed to allow 4, 8, or 16 quadrature phases. The
input path of each CW mixer consists of a selectable
lowpass filter for optimal CWD noise performance. The
outputs of the mixers are summed into I and Q differen-
tial current outputs. The mixers and LO generators are
designed to have exceptionally low noise performance
of -155dBc/Hz at 1kHz offset from a 1.25MHz carrier.
The MAX2036 operates from a +5.0V power supply,
consuming only 120mW/channel in VGA mode and
269mW/channel in normal power CW mode. A low-
power CW mode is also available and consumes only
226mW/channel. The device is available in a lead-free
100-pin TQFP package (14mm x 14mm) with an
exposed pad. Electrical performance is guaranteed
over a 0°C to +70°C temperature range.
Applications
Ultrasound Imaging
Sonar
Features
o 8-Channel Configuration
o High Integration for Ultrasound Imaging
Applications
o Pin Compatible with the MAX2035 Ultrasound
VGA
VGA Features
o Maximum Gain, Gain Range, and Output-Referred
Noise Optimized for Interfacing with 10-Bit ADCs
Maximum Gain of 39.5dB
Total Gain Range of 50dB
60nV/
√√Hz Ultra-Low Output-Referred Noise at
5MHz
o ±0.5dB Absolute Gain Error
o 120mW Consumption per Channel
o Switchable Output VGA Clamp Eliminating ADC
Overdrive
o Fully Differential VGA Outputs for Direct ADC
Drive
o Variable Gain Range Achieves 50dB Dynamic
Range
o -62dBc HD2 at VOUT = 1.5VP-P and fIN = 5MHz
o Two-Tone Ultrasound-Specific* IMD3 of -52dBc at
VOUT = 1.5VP-P and fIN = 5MHz
CWD Mixer Features
o Low Mixer Noise of -155dBc/Hz at 1kHz Offset
from 1.25MHz Carrier
o Serial-Programmable LO Phase Generator for 4, 8,
16 LO Quadrature Phase Resolution
o Optional Individual Channel 4 x fLO LO Input
Drive Capability
o 269mW Power Consumption per Channel (Normal
Power Mode) and 226mW Power Consumption
per Channel (Low-Power Mode)
o CWD Implementation Is Fully Compliant with All
Patents Related to Ultrasound Imaging
Techniques
Ultrasound VGA Integrated
with CW Octal Mixer
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-4420; Rev 1; 6/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
D = Dry packing.
EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
MAX2036CCQ+D
0
°C to +70°C
100 TQFP-EP†
MAX2036CCQ+TD
0
°C to +70°C
100 TQFP-EP†
Pin Configuration appears at end of data sheet.
*
See the Ultrasound-Specific IMD3 Specification in the
Applications Information section.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX2036CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036CCQ+TD MAXIM-MAX2036CCQ+TD Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
More results

Similar Description - MAX2036CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
   Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2038 MAXIM-MAX2038 Datasheet
326Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
   Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
logo
Texas Instruments
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
80Kb / 2P
   Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
   Octal Ultrasound AFE with JESD204B
logo
Maxim Integrated Produc...
MAX2079 MAXIM-MAX2079 Datasheet
3Mb / 49P
   Low-Power, High-Performance, Fully Integrated Octal Ultrasound Receiver (Octal LNA, VGA, AAF, ADC, and CWD Beamformer)
19-5901; Rev 1; 10/12
logo
Texas Instruments
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
[Old version datasheet]   Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
   Octal Ultrasound AFE with Digital Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com