Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4357ECD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4357ECD
Description  32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4357ECD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4357ECD Datasheet HTML 2Page - Maxim Integrated Products MAX4357ECD Datasheet HTML 3Page - Maxim Integrated Products MAX4357ECD Datasheet HTML 4Page - Maxim Integrated Products MAX4357ECD Datasheet HTML 5Page - Maxim Integrated Products MAX4357ECD Datasheet HTML 6Page - Maxim Integrated Products MAX4357ECD Datasheet HTML 7Page - Maxim Integrated Products MAX4357ECD Datasheet HTML 8Page - Maxim Integrated Products MAX4357ECD Datasheet HTML 9Page - Maxim Integrated Products MAX4357ECD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
32 x 16 Nonblocking Video Crosspoint Switch
with I/O Buffers
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Bias Current
IB
4
11
µA
Input Resistance
RIN
VEE + 1V < VIN_ < VCC - 1.2V
10
M
Ω
Output Offset
Voltage
VOFFSET
AV = +1V/V
±10
±40
mV
Output Short-Circuit Current
ISC
Sinking or sourcing, RL = 1
Ω
±35
mA
Enabled Output Impedance
ZOUT
(VEE + 1V) < VIN_ < (VCC - 1.2V)
0.2
Ω
Output Leakage Current,
Disable Mode
IOD
(VEE + 1V) < VOUT_ < (VCC - 1.2V)
0.004
1
µA
TA = +25°C to +85°C
50
65
DC Power-Supply Rejection
Ratio
PSRR
4.5V < VCC -
VEE < 5.5V
TA = -40°C to +85°C
35
dB
Outputs enabled, TA = +25°C
90
ICC
RL =
Outputs disabled
40
Outputs enabled, TA = +25°C
85
IEE
RL =
Outputs disabled
35
Quiescent Supply Current
IDD
4
mA
DC ELECTRICAL CHARACTERISTICS—SINGLE SUPPLY +5V (continued)
(VCC = +5V, VEE = 0, VDD = +5V, AGND = DGND = 0, VIN_ = +1.75V, AV = +1V/V, RL = 150Ω to AGND, and TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)


Similar Part No. - MAX4357ECD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4357ECD MAXIM-MAX4357ECD Datasheet
792Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
More results

Similar Description - MAX4357ECD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4357 MAXIM-MAX4357 Datasheet
792Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4358 MAXIM-MAX4358 Datasheet
1,004Kb / 43P
   32 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Rev 0; 8/01
MAX4356 MAXIM-MAX4356 Datasheet
842Kb / 41P
   16x16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Rev 0; 8/01
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
   110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
logo
Analog Devices
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com