Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4607EPE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4607EPE
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607EPE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4607EPE Datasheet HTML 1Page - Maxim Integrated Products MAX4607EPE Datasheet HTML 2Page - Maxim Integrated Products MAX4607EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4607EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4607EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4607EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4607EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4607EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4607EPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
-2.5
2.5
-2.5
2.5
-10
10
TA = TMIN to TMAX
V
TA = +25°C
GND
V+
VCOM_, VNO_,
VNC_
Input Voltage Range
(Note 3)
µA
IN_ = 0.8V, all others = 2.4V
V
IN_ = 2.4V, all others = 0.8V
ICOM_ = 10mA,
VNO_ or VNC_ = 10V
TA = +25°C
TA = +25°C
TA = +25°C
CONDITIONS
1.7
0.8
VIN_L
Logic Input Low Voltage
Ω
0.05
0.4
ΔRON
COM_ to NO_, COM_ to NC_
On-Resistance Match Between
Channels (Note 4)
Ω
36
RON
COM_ to NO_, COM_ to NC_
On-Resistance
V
2.4
1.7
VIN_H
Logic Input High Voltage
-0.500
0.001
0.500
IIN_L
Input Current with
Input Voltage Low
µA
-0.500
0.001
0.500
IIN_H
Input Current with
Input Voltage High
Ω
0.05
1.1
RFLAT(ON)
COM_ to NO_, COM_ to NC_
On-Resistance Flatness
(Note 5)
nA
-0.5
0.01
0.5
INO_
INC_
Off-Leakage Current
(NO_ or NC_) (Notes 6, 9)
nA
-0.5
0.01
0.5
ICOM_(OFF)
COM Off-Leakage Current
(Notes 6, 9)
nA
-1
0.01
1
ICOM_(ON)
COM On-Leakage Current
(Notes 6, 9)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ICOM_ = 10mA,
VNO_ or VNC_ = 10V
ICOM_ = 10mA,
VNO_ or VNC_ = 3V,
6V, 0V
TA = +25°C
VCOM_ = 1V, 10V,
VNO_ or VNC_ = 1V,
10V
VCOM_ = 10V, 1V
VNO_ or VNC_ = 1V,
10V
VCOM_ = 1V, 10V,
VNO_ or VNC_= 1V,
10V, or unconnected
TA = +25°C
TA = TMIN to TMAX
7
0.5
TA = TMIN to TMAX
1.2
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
ANALOG SWITCH
LOGIC INPUT


Similar Part No. - MAX4607EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4607EPE MAXIM-MAX4607EPE Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
More results

Similar Description - MAX4607EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com