Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4608CSE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4608CSE
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4608CSE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4608CSE Datasheet HTML 1Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 2Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 3Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 4Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 5Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 6Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
3
TA = TMIN to TMAX
VIN = 0 or 5V
TA = +25°C
-0.5
0.001
0.5
I+
Positive Supply Current
TA = +25°C
f = 1MHz, Figure 6, TA = +25°C
RL = 50
Ω, CL = 5pF, f = 1MHz, Figure 5,
TA = +25°C
TA = TMIN to TMAX
55
RL = 50
Ω, CL = 5pF, f = 1MHz, Figure 4,
TA = +25°C
CL = 1.0nF, VGEN = 0, RGEN = 0,
Figure 3, TA = +25°C
VIN = 0 or 5V
TA = +25°C
f = 1MHz, Figure 6, TA = +25°C
CONDITIONS
V
±4.5
±20.0
Power-Supply Range
pF
dB
f = 1MHz, Figure 7, TA = +25°C
pF
290
CCOM
On-Capacitance
65
CCOM
COM_ Off-Capacitance
-0.5
0.001
0.5
IL
Logic Supply Current
-0.5
0.001
0.5
I-
Negative Supply Current
pF
65
COFF
NC_ or NO_ Capacitance
-66
VCT
Crosstalk (Note 8)
dB
-60
VISO
Off-Isolation (Note 7)
pC
450
Q
Charge Injection
-0.5
0.001
0.5
IGND
Ground Current
ns
110
tON
Turn-On Time
ns
150
tOFF
Turn-Off Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 0 or 5V
VIN = 0 or 5V
TA = +25°C
VCOM_ = ±10V, Figure 2, TA = +25°C
VCOM_ = ±10V, Figure 2, TA = +25°C
TA = TMIN to TMAX
55
55
TA = TMIN to TMAX
55
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
µA
µA
µA
µA
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4608CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4608CSE MAXIM-MAX4608CSE Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
More results

Similar Description - MAX4608CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com