Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8528 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8528
Description  1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8528 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8528 Datasheet HTML 2Page - Maxim Integrated Products MAX8528 Datasheet HTML 3Page - Maxim Integrated Products MAX8528 Datasheet HTML 4Page - Maxim Integrated Products MAX8528 Datasheet HTML 5Page - Maxim Integrated Products MAX8528 Datasheet HTML 6Page - Maxim Integrated Products MAX8528 Datasheet HTML 7Page - Maxim Integrated Products MAX8528 Datasheet HTML 8Page - Maxim Integrated Products MAX8528 Datasheet HTML 9Page - Maxim Integrated Products MAX8528 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1.425V to 3.6V Input, 2A,
0.2V Dropout LDO Regulators
_______________________________________________________________________________________
7
Detailed Description
The MAX8526/MAX8527/MAX8528 are low-input, low-
dropout, PMOS regulators capable of delivering up to
2A of output current with as little as 200mV of head-
room from input to output. The PMOS output stage can
be driven from input voltages down to +1.425V without
sacrificing stability or transient performance. Since this
regulator has a PMOS output device, supply current is
not a significant function of load or input headroom.
Internal p-Channel Pass Transistor
The MAX8526/MAX8527/MAX8528 feature a 50m
(typ) p-channel MOSFET pass transistor. Unlike similar
designs using pnp pass transistors, p-channel MOSFETs
require no base drive, which reduces quiescent current.
pnp-based regulators also waste considerable current in
dropout when the pass transistor saturates, and use high
base-drive currents under large loads. The MAX8526/
MAX8527/MAX8528 do not suffer from these problems
and consume only 500µA (typ) of quiescent current
under heavy loads, as well as in dropout.
Short-Circuit/Thermal Fault Protection
The MAX8526/MAX8527/MAX8528 are fully protected
from a short circuit at the output through current-limit-
ing and thermal-overload circuitry. In the fault condition
when the output is shorted to ground, the output cur-
rent is limited to 4A. Under these conditions, the part
quickly heats up. When the junction temperature reach-
es +165°C, the thermal-overload circuitry turns off the
output, allowing the part to cool down. When the junc-
tion temperature cools to +150°C, the output turns
back on and tries to reestablish regulation. Current
limiting and thermal protection continue until the fault is
removed. For continuous operation, do not exceed the
absolute maximum junction temperature rating of
TJ = +150°C.
Output Voltage Selection
The
MAX8526/MAX8527/MAX8528
feature
an
adjustable output voltage from 0.5V to 3.4V, using two
external resistors connected as a voltage-divider to FB
as shown in Figure 1. The output voltage is set by the
following equation:
where typically VFB = 0.5V. Choose R2 < 5kΩ to opti-
mize quiescent current, accuracy, and high-frequency
power-supply rejection. To simplify resistor selection:
Soft-Start
Inherent soft-start limits inrush current. Peak inrush cur-
rent is dependent on the value of COUT and can be
calculated as follows:
Shutdown Mode
The MAX8526/MAX8527/MAX8528 include an enable
input. To shut down the device, pull EN to GND. For
normal operation, connect the EN to IN. During shut-
down, an internal 10k
Ω resistor pulls down the output.
Power-OK (POK, MAX8527 Only)
The MAX8527 features a power-OK output to indicate
the status of the output. POK remains high when the
regulator output is within ±10% of its nominal output
voltage. If the output voltage falls/rises outside this
range, POK transitions low. This open-drain output
requires an external pullup resistor to IN. An internal
delay circuit prevents the POK from switching for 50µs
(typ) after the trip threshold is initially reached. If the
part is in shutdown mode, POK is low.
Power-On Reset (POR, MAX8528 Only)
The MAX8528 features a power-on reset output that
transitions high 150ms (typ) after the output has risen
above 90% of its final value. This open-drain output
requires an external pullup resistor to IN. If the part is in
shutdown mode, falls below 90% of the nominal output
voltage, or experiences a short-circuit/thermal fault,
POR immediately transitions low.
II
CF
INRUSH
LOAD
OUT
=+
()
µ
66
RR
V
V
OUT
FB
12
=
⎝⎜
⎠⎟
-1
VV
R
R
OUT
FB
=+
⎝⎜
⎠⎟
1
1
2
MAX8526
MAX8527
MAX8528
2.2
µF
10
µF
ENABLE
SHUTDOWN
IN
IN
POK (MAX8527) OR
POR (MAX8528)
EN
IN
IN
OUT
OUT
GND
FB
OUT
OUT
100k
Ω*
R1
R2
ADJUSTABLE
OUTPUT
*FOR MAX8527 AND MAX8528
+1.425V TO +3.6V
Figure 1. Typical Application Circuit


Similar Part No. - MAX8528

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8528EUD MAXIM-MAX8528EUD Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
More results

Similar Description - MAX8528

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
   1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
   2A Low Dropout LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com