Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8526EUD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8526EUD
Description  1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8526EUD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8526EUD Datasheet HTML 2Page - Maxim Integrated Products MAX8526EUD Datasheet HTML 3Page - Maxim Integrated Products MAX8526EUD Datasheet HTML 4Page - Maxim Integrated Products MAX8526EUD Datasheet HTML 5Page - Maxim Integrated Products MAX8526EUD Datasheet HTML 6Page - Maxim Integrated Products MAX8526EUD Datasheet HTML 7Page - Maxim Integrated Products MAX8526EUD Datasheet HTML 8Page - Maxim Integrated Products MAX8526EUD Datasheet HTML 9Page - Maxim Integrated Products MAX8526EUD Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1.425V to 3.6V Input, 2A,
0.2V Dropout LDO Regulators
_______________________________________________________________________________________
9
Chip Information
TRANSISTOR COUNT: 2977
PROCESS: BiCMOS
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
T.P.
OUT
OUT
OUT
IN
IN
IN
EN
MAX8526
OUT
FB
GND
T.P.
T.P.
IN
TSSOP
14
13
12
11
10
9
8
1
2
3
4
5
6
7
T.P.
OUT
OUT
OUT
IN
IN
IN
EN
MAX8527
OUT
FB
GND
T.P.
POK
IN
TSSOP
14
13
12
11
10
9
8
1
2
3
4
5
6
7
T.P.
OUT
OUT
OUT
IN
IN
IN
EN
MAX8528
OUT
FB
GND
POR
T.P.
IN
TSSOP
Pin Configurations
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
14 TSSOP
U14E-3
21-0108


Similar Part No. - MAX8526EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8526EUD MAXIM-MAX8526EUD Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
More results

Similar Description - MAX8526EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
   1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
   2A Low Dropout LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com