Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8527EUD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8527EUD
Description  1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8527EUD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8527EUD Datasheet HTML 1Page - Maxim Integrated Products MAX8527EUD Datasheet HTML 2Page - Maxim Integrated Products MAX8527EUD Datasheet HTML 3Page - Maxim Integrated Products MAX8527EUD Datasheet HTML 4Page - Maxim Integrated Products MAX8527EUD Datasheet HTML 5Page - Maxim Integrated Products MAX8527EUD Datasheet HTML 6Page - Maxim Integrated Products MAX8527EUD Datasheet HTML 7Page - Maxim Integrated Products MAX8527EUD Datasheet HTML 8Page - Maxim Integrated Products MAX8527EUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX8526/MAX8527/MAX8528 low-dropout linear
regulators operate from input voltages as low as 1.425V
and are able to deliver up to 2A of continuous output
current with a maximum dropout voltage of only 200mV.
The output voltage can be set from 0.5V to (VIN - 0.2V)
and is 1.4% accurate over load and line variations, from
0°C to +85°C.
These regulators use small, 2.2µF ceramic input capaci-
tors and 10µF ceramic output capacitors to deliver 2A
output current. High bandwidth provides excellent tran-
sient response and limits the output voltage deviation to
45mV for a 20mA to 2A load step, with only a 10µF
ceramic output capacitor, and the voltage deviations can
be reduced further by increasing the output capacitor.
Designed with an internal p-channel MOSFET pass
transistor, the MAX8526/MAX8527/MAX8528 feature
low 500µA typical supply current during dropout condi-
tions. Soft-start reduces inrush current. Other features
include a logic-controlled shutdown mode, short-circuit
protection, and thermal-overload protection.
The MAX8527 features a power-OK (POK) output that
transitions high when the regulator output is within
±10% of its nominal output voltage. The MAX8528 fea-
tures a 150ms power-on reset (POR) output.
The parts are packaged in a 14-pin TSSOP package,
which includes an exposed pad for optimal power
dissipation.
Applications
Servers
Networking
Storage
Base Stations
Optical Modules
Post Regulators
Notebooks
PDAs
ATE
Features
o 1.425V to 3.6V Input Voltage Range
o Guaranteed 200mV Dropout at 2A Output Current
o ±0.6% Initial Accuracy
o ±1.4% Output Accuracy over
Load/Line/Temperature (0°C to +85°C)
o Compatible with Ceramic Capacitors
o Fast Transient Response
o 440µA Operating Supply Current
o <50µA Shutdown Supply Current
o Short-Circuit Protection
o Thermal-Overload Protection
o Soft-Start Limits Inrush Current
o 5mm x 6.4mm Footprint, 1.1mm Profile
1.425V to 3.6V Input, 2A,
0.2V Dropout LDO Regulators
________________________________________________________________
Maxim Integrated Products
1
MAX8526
MAX8527
MAX8528
2.2
µF
10
µF
INPUT
1.425V TO 3.6V
OUTPUT
0.5V TO (VIN - 0.2V), 2A
POWER-ON RESET
POWER-OK
ON
OFF
IN_
POR (MAX8528)
POK (MAX8527)
EN
GND
FB
OUT_
Typical Operating Circuit
Ordering Information
19-3190; Rev 2; 8/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
+
Denotes a lead(Pb)-free RoHS-compliant package.
/V Denotes an automotive qualified part.
PART
TEMP RANGE
PIN-PACKAGE
MAX8526EUD
-40°C to +85°C
14 TSSOP
MAX8526EUD+
-40°C to +85°C
14 TSSOP
MAX8527EUD
-40°C to +85°C
14 TSSOP
MAX8527EUD+
-40°C to +85°C
14 TSSOP
MAX8527EUD/V+
-40°C to +85°C
14 TSSOP
MAX8528EUD
-40°C to +85°C
14 TSSOP
MAX8528EUD+
-40°C to +85°C
14 TSSOP
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX8527EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8527EUD MAXIM-MAX8527EUD Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
More results

Similar Description - MAX8527EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
   1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
   2A Low Dropout LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com