Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8688 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8688
Description  Digital Power-Supply Controller/Monitor with PMBus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8688 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8688 Datasheet HTML 1Page - Maxim Integrated Products MAX8688 Datasheet HTML 2Page - Maxim Integrated Products MAX8688 Datasheet HTML 3Page - Maxim Integrated Products MAX8688 Datasheet HTML 4Page - Maxim Integrated Products MAX8688 Datasheet HTML 5Page - Maxim Integrated Products MAX8688 Datasheet HTML 6Page - Maxim Integrated Products MAX8688 Datasheet HTML 7Page - Maxim Integrated Products MAX8688 Datasheet HTML 8Page - Maxim Integrated Products MAX8688 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Digital Power-Supply Controller/Monitor
with PMBus Interface
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = 3.3V, TA = TJ = -40°C to +85°C, VRS+ - VRS- = 2V, VRS- = VAGND, unless otherwise stated.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RST INPUT
RST Input Low Voltage
VRST_IL
VDVDD = 3.0V to 3.6V
0.8
V
RST Input High Voltage
VRST_IH
VDVDD = 3.0V to 3.6V
2.1
V
RST Input Bias Current
RST = DVDD or DGND
10
µA
Minimum SMBus Interface Reset
Pulse Width
tSMB_RST
1
455
µs
SMBus Interface Recovery Time
After Interface Reset
tSMB_WAIT
15
µs
Minimum Reset Pulse Width
tRST
565
µs
Recovery Time After Device Reset
tRST_WAIT
15
µs
OTHER TIMING PARAMETERS
PMBus Command Response Time
tPMB_RSP
300
µs
Overvoltage fault
5
Fault Response Time
tFAULT_RSP
Overcurrent fault
5
ms
Note 3: Production tested at TA = +25°C and TA = +85°C. Specifications from TA = -40°C to +25°C are guaranteed by design,
unless otherwise noted.
Note 4: Production tested at TA = +85°C only. All other temperatures are guaranteed by design.
Note 5: When an EEPROM is connected to A2/SDAE and A1/SCLE, these pins cannot be hardwired to ground or supply. They must
be connected through 33k
Ω ±5% resistors.
Note 6: Equivalent of having 33k
Ω pulldown resistor to DGND.
Note 7: Equivalent of having 33k
Ω pullup resistor to DVDD.
Typical Operating Characteristics
(VAVDD = VDVDD = 3.3V, TA = +25°C, unless otherwise noted.)
REFIN MODE SOFT-START
WITH TRACKING
MAX8688 toc01
2ms/div
VOUT_4 = 1.8V
VOUT_3 = 1.5V
VOUT_2 = 1.2V
VOUT_1 = 1.0V
0.5V/div
REFIN MODE SOFT-STOP
WITH TRACKING
MAX8688 toc02
2ms/div
VOUT_4 = 1.8V
VOUT_3 = 1.5V
VOUT_2 = 1.2V
VOUT_1 = 1.0V
0.5V/div


Similar Part No. - MAX8688

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
MAX8688 MAXIM-MAX8688 Datasheet
791Kb / 14P
   Low-Profile Components
Rev 0; 10/08
MAX8688 MAXIM-MAX8688 Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8688AHETG MAXIM-MAX8688AHETG Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
MAX8688ALETG MAXIM-MAX8688ALETG Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
More results

Similar Description - MAX8688

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
2Mb / 64P
   Octal PMBus Power Supply Monitor and Controller with EEPROM
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
   Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com