Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

410-2405 Datasheet(PDF) 1 Page - CAMBION Electronic Components

Part # 410-2405
Description  Component Clip, .085 (2,16) Slot, Press mount, Insulated
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

410-2405 Datasheet(HTML) 1 Page - CAMBION Electronic Components

  410-2405 Datasheet HTML 1Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Wednesday, 22 January 2003
Page 1 of 1
410-2405 Component Clip, .085 (2,16) Slot, Press mount, Insulated
Recommended mounting hole .203 (5,16)
Recommended Lead Wire Sizes - #19 AWG (.036) (0,91) Min. Thru #13 AWG (.072) (1,83) Max.
How to order code
410-2405-01-05-00
Basic Part No
Basic Part Number
For Panel Thickness
Flashover at Sea Level
(VRMS)
Capacitance (pF)
410-2405-01
.040 (1,02) to .125 (3,18)
2500
1.0
Component
Material
Finish
Insulator
Teflon
White
Housing
Brass
Electro Solder
Plunger
Brass
Electro Solder
Spring
Cres. Steel
Passivated
Teflon is a registered trademark of Dupont


Similar Part No. - 410-2405

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
410-2146 CAMBION-410-2146 Datasheet
27Kb / 1P
   Component Clip, .040 (1,02) Slot, Thread mount
410-2212 CAMBION-410-2212 Datasheet
28Kb / 1P
   Component Clip, .055 (1,40) Slot, Pin mount
410-2247 CAMBION-410-2247 Datasheet
31Kb / 1P
   Component Clip, .040 (1,02) Slot, Swage mount with solder turret
410-2329 CAMBION-410-2329 Datasheet
28Kb / 1P
   Component Clip, .055 (1,40) Slot, Thread mount
410-2330 CAMBION-410-2330 Datasheet
31Kb / 1P
   Component Clip, .055 (1,40) Slot, Swage mount with solder turret
More results

Similar Description - 410-2405

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
410-4520 CAMBION-410-4520 Datasheet
33Kb / 1P
   Component Clip, .085 (2,16) Slot, Press mnt, Insulated, Capped Plunger
410-2339 CAMBION-410-2339 Datasheet
27Kb / 1P
   Component Clip, .085 (2,16) Slot, Thread mount
410-3086 CAMBION-410-3086 Datasheet
31Kb / 1P
   Component Clip, .085 (2,16) Slot, Swage mount
410-3089 CAMBION-410-3089 Datasheet
31Kb / 1P
   Component Clip, .085 (2,16) Slot, Swage mount, Capped Plunger
410-2832 CAMBION-410-2832 Datasheet
28Kb / 1P
   Component Clip, .085 (2,16) Slot, Thread mount, Capped Plunger
410-4521 CAMBION-410-4521 Datasheet
33Kb / 1P
   Component Clip, .055 (1,40) Slot, Press mnt, Insulated, Capped Plunger
410-4522 CAMBION-410-4522 Datasheet
32Kb / 1P
   Component Clip, .040 (1,02) Slot, Press mnt, Insulated, Capped Plunger
410-2146 CAMBION-410-2146 Datasheet
27Kb / 1P
   Component Clip, .040 (1,02) Slot, Thread mount
410-2329 CAMBION-410-2329 Datasheet
28Kb / 1P
   Component Clip, .055 (1,40) Slot, Thread mount
410-2212 CAMBION-410-2212 Datasheet
28Kb / 1P
   Component Clip, .055 (1,40) Slot, Pin mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com