Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8893A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8893A
Description  μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8893A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8893A_10 Datasheet HTML 1Page - Maxim Integrated Products MAX8893A_10 Datasheet HTML 2Page - Maxim Integrated Products MAX8893A_10 Datasheet HTML 3Page - Maxim Integrated Products MAX8893A_10 Datasheet HTML 4Page - Maxim Integrated Products MAX8893A_10 Datasheet HTML 5Page - Maxim Integrated Products MAX8893A_10 Datasheet HTML 6Page - Maxim Integrated Products MAX8893A_10 Datasheet HTML 7Page - Maxim Integrated Products MAX8893A_10 Datasheet HTML 8Page - Maxim Integrated Products MAX8893A_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
µPMICs for Multimedia Application Processors
in a 3.0mm x 2.5mm WLP
General Description
The MAX8893A/MAX8893B/MAX8893C power-manage-
ment integrated circuits (PMICs) are designed for a
variety of portable devices including cellular handsets.
The PMICs include a high-efficiency step-down DC-DC
converter, five low-dropout linear regulators (LDOs) with
programmable output voltages, individual power-on/
off control inputs, a load switch, and a USB high-speed
switch. These devices maintain high efficiency with a low
no-load supply current, and the small 3.0mm x 2.5mm
WLP package makes them ideal for portable devices.
The step-down DC-DC converter utilizes a proprietary
4MHz hysteretic PWM control scheme that allows for
ultra-small external components. Internal synchronous
rectification improves efficiency and eliminates the exter-
nal Schottky diode that is required in conventional step-
down converters. Its output voltage is programmable by
the I2C serial interface and output current is guaranteed
up to 500mA.
LDO1, LDO4, and LDO5 offer low 45FVRMS output noise
and low dropout of only 100mV at 100mA. They deliver
up to 300mA, 150mA, and 200mA continuous output cur-
rents, respectively. LDO2 and LDO3 each deliver 300mA
continuous output current with very low ground current.
All LDO output voltages are programmable by the I2C
serial interface. Three standard versions of the PMIC are
available with different LDO default startup voltages (see
Table 1).
The MAX8893A/MAX8893B/MAX8893C are available in
a 3.0mm x 2.5mm, 30-bump WLP package.
Applications
Cellular Handsets
Smartphones and PDAs
Features
S High-Efficiency Step-Down Converter
Guaranteed 500mA Output Current
Up to 4MHz Switching Frequency
Programmable Output Voltage from 0.8V to 2.4V
Dynamic Voltage Scaling with Programmable
Ramp Rate
S Three Low-Noise LDOs with Programmable
Output Voltages
S Two Low Supply Current LDOs with
Programmable Output Voltages
S Low On-Resistance Load Switch
S USB High-Speed Switch with ±15kV ESD
S Individual Enable Control for All Regulators and
Switches
S I2C Serial Interface
S Overcurrent and Thermal Protection for All LDOs
S 3.0mm x 2.5mm x 0.64mm, 30-Bump WLP
19-4971; Rev 1; 2/10
+Denotes a lead(Pb)-free/RoHS-compliant package.
Typical Operating Circuit appears at end of data sheet.
Ordering Information
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX8893AEWV+
-40NC to +85NC
30-Bump WLP
(3.0mm x 2.5mm)
MAX8893BEWV+
-40NC to +85NC
30-Bump WLP
(3.0mm x 2.5mm)
MAX8893CEWV+
-40NC to +85NC
30-Bump WLP
(3.0mm x 2.5mm)


Similar Part No. - MAX8893A_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893AEWV++ MAXIM-MAX8893AEWV+ Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893AEWV++ MAXIM-MAX8893AEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8893A_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893A MAXIM-MAX8893A Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893CEWVT MAXIM-MAX8893CEWVT Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
logo
LUMEX INC.
CCL-CRS10SR-G LUMEX-CCL-CRS10SR-G Datasheet
186Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10UPG LUMEX-CCL-CRS10UPG Datasheet
175Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10USB-A LUMEX-CCL-CRS10USB-A Datasheet
174Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y LUMEX-CCL-CRS10Y Datasheet
180Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y-G LUMEX-CCL-CRS10Y-G Datasheet
181Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
SML-LX2530SRELC-TR LUMEX-SML-LX2530SRELC-TR Datasheet
67Kb / 1P
   3.0mm X 2.5mm SURFACE MOUNT LED
CCL-CRS10SA LUMEX-CCL-CRS10SA Datasheet
177Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10SG LUMEX-CCL-CRS10SG Datasheet
182Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com