Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8893C Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8893C
Description  μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8893C Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8893C Datasheet HTML 6Page - Maxim Integrated Products MAX8893C Datasheet HTML 7Page - Maxim Integrated Products MAX8893C Datasheet HTML 8Page - Maxim Integrated Products MAX8893C Datasheet HTML 9Page - Maxim Integrated Products MAX8893C Datasheet HTML 10Page - Maxim Integrated Products MAX8893C Datasheet HTML 11Page - Maxim Integrated Products MAX8893C Datasheet HTML 12Page - Maxim Integrated Products MAX8893C Datasheet HTML 13Page - Maxim Integrated Products MAX8893C Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
µPMICs for Multimedia Application Processors
in a 3.0mm x 2.5mm WLP
10 _____________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VIN = 3.7V, CBATT = CIN1 = CIN2 = 2.2FF, CREFBP = 0.1FF, TA = -40NC to +85NC, unless otherwise noted.
Typical values are at TA = +25NC.) (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
USB HIGH-SPEED SWITCH DYNAMIC
Turn-On Time (tON)
VNO_ or VNC_ = 1.5V, RL = 300I, CL = 35pF, V/ENUSB =
VBATT to 0V, Figure 2
1
5
F
s
Turn-Off Time (tOFF)
VNO_ or VNC_ = 1.5V, RL = 300I, CL = 35pF, V/ENUSB =
0V to VBATT, Figure 2
1
5
F
s
Propagation Delay (tPLH, tPHL)
RL = RS = 50I, Figure 3
100
ps
Fault Protection Response Time
(tFP)
VCOM_ = 0V to 5V step, RL = RS = 50I, VBATT = 3.3V,
Figure 4
0.5
5.0
F
s
Fault Protection Recovery Time
(tFPR)
VCOM_ = 5V to 0V step, RL = RS = 50I, VBATT = 3.3V,
Figure 4
100
F
s
Output Skew Between Switches
(tSK)
Skew between switch 1 and 2, RL = RS = 50I, Figure 3
(Note 6)
40
ps
NO_ or NC_ Off-Capacitance
(CNO(OFF) or CNC(OFF))
f = 1MHz, Figure 5 (Note 6)
2
pF
COM Off-Capacitance
(CCOM(OFF)) (Note 6)
f = 1MHz, Figure 5
5.5
pF
f = 240 MHz, Figure 5
4.8
COM On-Capacitance
(CCOM(ON)) (Note 6)
f = 1MHz, Figure 5
6.5
pF
f = 240 MHz, Figure 5
5.5
Total Harmonic Distortion Plus
Noise
VCOM_ = 1VP-P, VBIAS = 1V, RL = RS = 50I, f = 20Hz to
20kHz
0.03
%
USB HIGH-SPEED SWITCH—ESD PROTECTION
ENUSB, CB, NC1, NC2, NO1,
NO2
Human Body Model
±2
kV
COM1, COM2
Human Body Model
±15
kV
IEC 61000-4-2 Air-Gap Discharge
±15
IEC 61000-4-2 Contact Discharge
±8
I2C SERIAL INTERFACE (Figure 8)
Clock Frequency
400
kHz
Bus-Free Time Between START
and STOP (tBUF)
1.3
F
s
Hold Time Repeated START
Condition (tHD_STA)
0.6
F
s
SCL Low Period (tLOW)
1.3
F
s
SCL High Period (tHIGH)
0.6
F
s
Setup Time Repeated START
Condition (tSU_STA)
0.6
F
s
SDA Hold Time (tHD_DAT)
0
F
s
SDA Setup time (tSU_DAT)
100
ns
Setup Time for STOP Condition
(tSU_STO)
0.6
F
s


Similar Part No. - MAX8893C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893C MAXIM-MAX8893C Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893CEWV++ MAXIM-MAX8893CEWV+ Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893CEWV++ MAXIM-MAX8893CEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
MAX8893CEWVT MAXIM-MAX8893CEWVT Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8893C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893A MAXIM-MAX8893A Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893CEWVT MAXIM-MAX8893CEWVT Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
logo
LUMEX INC.
CCL-CRS10SR-G LUMEX-CCL-CRS10SR-G Datasheet
186Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10UPG LUMEX-CCL-CRS10UPG Datasheet
175Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10USB-A LUMEX-CCL-CRS10USB-A Datasheet
174Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y LUMEX-CCL-CRS10Y Datasheet
180Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y-G LUMEX-CCL-CRS10Y-G Datasheet
181Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
SML-LX2530SRELC-TR LUMEX-SML-LX2530SRELC-TR Datasheet
67Kb / 1P
   3.0mm X 2.5mm SURFACE MOUNT LED
CCL-CRS10SA LUMEX-CCL-CRS10SA Datasheet
177Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10SG LUMEX-CCL-CRS10SG Datasheet
182Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com