Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8934BETI+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8934BETI+
Description  Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8934BETI+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8934BETI+ Datasheet HTML 1Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 2Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 3Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX8934BETI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Dual-Input Linear Chargers, Smart Power Selector
with Advanced Battery Temperature Monitoring
4 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDC = VPEN1 = VPEN2 = 5V, CEN = USUS = THMEN = GND, VBATT = 4V, VTHM = 1.65V, USB, THMSW, CHG, DONE, OT, DOK,
UOK, FLT are unconnected, CCT = 0.068FF, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BATTERY CHARGER
BATT-to-SYS On-Resistance
VDC = 0V, VBATT = 4.2V, ISYS = 1A
0.04
0.08
I
BATT-to-SYS Reverse
Regulation Voltage
VPEN1 = VPEN2 = 0V, ISYS = 200mA
50
75
105
mV
BATT Regulation Voltage—Safety
Region 1 (MAX8934A)
IBATT = 0mA
TA = +25NC, VTHM_T1 < VTHM <
VTHM_T3
4.175
4.2
4.225
V
TA = 0NC to +85NC, VTHM_T1 <
VTHM < VTHM_T3
4.158
4.2
4.242
TA = +25NC, VTHM_T3 < VTHM <
VTHM_T4
4.05
4.075
4.1
TA = 0NC to +85NC, VTHM_T3 <
VTHM < VTHM_T4
4.034
4.075
4.1
BATT Regulation Voltage—Safety
Region 2
IBATT = 0mA
TA = +25NC, VTHM_T2 < VTHM <
VTHM_T3
4.175
4.2
4.225
V
TA = 0NC to +85NC, VTHM_T2 <
VTHM < VTHM_T3
4.158
4.2
4.242
TA = +25NC, VTHM_T1 < VTHM <
VTHM_T2 or VTHM_T3 < VTHM <
VTHM_T4
4.05
4.075
4.1
TA = 0NC to +85NC, VTHM_T1 <
VTHM < VTHM_T2 or VTHM_T3 <
VTHM < VTHM_T4
4.034
4.075
4.1
BATT Recharge Threshold—
Safety Region 1 (MAX8934A)
Change in VBATT
from DONE to fast-
charge restart
VTHM_T1 < VTHM < VTHM_T3
-145
-104
-65
mV
VTHM_T3 < VTHM < VTHM_T4
-120
-80
-40
BATT Recharge Threshold—
Safety Region 2
Change in VBATT
from DONE to fast-
charge restart
VTHM_T2 < VTHM < VTHM_T3
-145
-104
-65
mV
VTHM_T1 < VTHM < VTHM_T2 or
VTHM_T3 < VTHM < VTHM_T4
-120
-80
-40
BATT Fast-Charge
Current Range
RISET = 10kI to 2kI
0.3
1.5
A


Similar Part No. - MAX8934BETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934A MAXIM-MAX8934A Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AETI++ MAXIM-MAX8934AETI+ Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AEVKIT MAXIM-MAX8934AEVKIT Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934AEVKIT++ MAXIM-MAX8934AEVKIT+ Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
More results

Similar Description - MAX8934BETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
   Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
   USB Detection with Smart Power Selector Li Chargers
2017
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
MAX8900A MAXIM-MAX8900A_11 Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Rev 3; 1/11
MAX8900A MAXIM-MAX8900A Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com