Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8934E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8934E
Description  Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8934E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8934E Datasheet HTML 1Page - Maxim Integrated Products MAX8934E Datasheet HTML 2Page - Maxim Integrated Products MAX8934E Datasheet HTML 3Page - Maxim Integrated Products MAX8934E Datasheet HTML 4Page - Maxim Integrated Products MAX8934E Datasheet HTML 5Page - Maxim Integrated Products MAX8934E Datasheet HTML 6Page - Maxim Integrated Products MAX8934E Datasheet HTML 7Page - Maxim Integrated Products MAX8934E Datasheet HTML 8Page - Maxim Integrated Products MAX8934E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Dual-Input Linear Chargers, Smart Power Selector
with Advanced Battery Temperature Monitoring
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(VDC = VPEN1 = VPEN2 = 5V, CEN = USUS = THMEN = GND, VBATT = 4V, VTHM = 1.65V, USB, THMSW, CHG, DONE, OT, DOK,
UOK, FLT are unconnected, CCT = 0.068FF, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Thermal-Limit Gain
ISYS reduction with die temperature (above +100NC)
5
%/C
VL Voltage
IVL = 0 to 5mA, USB = unconnected
3
3.3
3.6
V
USB-TO-SYS PREREGULATOR
USB Operating Voltage Range
4.1
6.6
V
USB Withstand Voltage
VBATT = VSYS = 0V
8
V
USB Undervoltage Threshold
When VUOK goes low, VUSB rising, 500mV hysteresis
3.95
4.0
4.05
V
USB Overvoltage Threshold
When VUOK goes high, VUSB rising, 360mV hysteresis
6.8
6.9
7.0
V
USB Operating Supply Current
ISYS = IBATT = 0mA, VCEN = VPEN2 = 0V
1
2
mA
ISYS = IBATT = 0mA, VCEN = 5V, VPEN2 = 0V
0.9
1.5
USB Suspend Current
DC = unconnected, VUSB = VCEN = VUSUS = 5V
190
340
F
A
USB to SYS On-Resistance
DC unconnected, VUSB = VCEN = 5V, ISYS = 400mA
0.22
0.33
I
USB-to-BATT Dropout Voltage
When SYS regulation and charging stops, VUSB falling,
150mV hysteresis
10
50
90
mV
USB Current Limit
(See Tables 2a and 2b for Input
Source Control)
DC unconnected,
VUSB = 5V, TA = +25NC
MAX8934D only,
RPSET = 2kI
1350
1500
1650
mA
VPEN1 = 0V, VPEN2 = 5V
450
475
500
VPEN1 = VPEN2 = 0V
80
95
100
SYS Regulation Voltage
DC unconnected, VUSB
= 6V, VPEN2 = 5V, ISYS =
1mA to 400mA, VCEN = 5V
MAX8934A
5.2
5.3
5.4
V
MAX8934B/MAX8934C/
MAX8934E
4.29
4.35
4.4
DC unconnected, VUSB
= 6V, VPEN2 = 5V, ISYS =
1mA to 1.2A, VCEN = 5V
MAX8934D
4.29
4.35
4.4
Input Limiter Soft-Start Time
Input current ramp time
50
F
s
Thermal-Limit Temperature
Die temperature at when the charging current and input
current limits are reduced
100
N
C
Thermal-Limit Gain
ISYS reduction with die temperature (above +100NC)
5
%/NC
VL Voltage
DC unconnected, VUSB = 5V, IVL = 0 to 5mA
3
3.3
3.6
V
LDO LINEAR REGULATOR
LDO Output Voltage
DC unconnected, VUSB = 5V, ILDO = 0mA
3.234
3.3
3.366
V
VDC = 5V, USB unconnected, ILDO = 0mA
3.234
3.3
3.366
DC and USB unconnected, VBATT = 4V, ILDO = 0mA
3.234
3.3
3.366
LDO Load Regulation
ILDO = 0 to 30mA
0.003
%/mA


Similar Part No. - MAX8934E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934E MAXIM-MAX8934E Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934E MAXIM-MAX8934E Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
More results

Similar Description - MAX8934E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
   Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
   USB Detection with Smart Power Selector Li Chargers
2017
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
MAX8900A MAXIM-MAX8900A_11 Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Rev 3; 1/11
MAX8900A MAXIM-MAX8900A Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com