Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9526AEI+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9526AEI+
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526AEI+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9526AEI+ Datasheet HTML 1Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 2Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 3Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 4Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 5Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 6Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 7Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 8Page - Maxim Integrated Products MAX9526AEI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
General Description
The MAX9526 is a low-power video decoder that con-
verts NTSC or PAL composite video signals to 8-bit or
10-bit YCbCr component video compliant with the ITU-
R BT.656 standard. The device powers up in fully oper-
ational mode and automatically configures itself to
decode the detected input standard. The MAX9526
typically consumes 200mW of power in normal opera-
tion and typically less than 100µW in shutdown mode.
An internal 10-bit, 54MHz analog-to-digital converter
(ADC) samples the input with four times oversampling.
The MAX9526 features a DC restoration circuit with off-
set correction and automatic gain control to accurately
optimize the full-scale range of the ADC.
An integrated analog anti-aliasing filter eliminates the
need for external filtering. The MAX9526 includes a 2:1
input multiplexer with automatic signal selection based
on activity at the inputs.
An internal line-locked phase-locked loop (PLL) gener-
ates the sample clock and the line-locked clock (LLC)
output to provide an ITU-compliant output. Alternatively,
the PLL can be configured to provide a sample clock
and output clock at 2x and 1x the frequency of the
crystal oscillator, respectively.
The MAX9526 provides a multiline adaptive comb filter to
reduce cross-chrominance and cross-luminance artifacts.
A single 1.8V supply is used for both the digital and
analog supplies. The digital outputs operate from a
separate +1.7V to +3.45V supply to allow direct con-
nection to a wide range of digital processors. The
MAX9526 operates over the -40°C to +125°C automo-
tive temperature range and is available in both a
28-pin QSOP and a 32-pin TQFN (5mm x 6mm).
Applications
Automotive Entertainment Systems
Collision Avoidance Systems
Security Surveillance/CCTV Systems
Televisions
Features
o Supports All NTSC and PAL Standards
NTSC M, NTSC J, NTSC 4.43,
PAL B/G/H/I/D, PAL M, PAL N, PAL 60
o Easy to Configure and Operate with Only
16 User-Programmable Registers
o Automatic Configuration and Standard Select
o 10-Bit 4x Oversampling (54Msps) ADC with True
10-Bit Digital Processing
o Flexible Output Formatting
10-Bit Parallel ITU-R BT.656 Output with
Embedded TRS
8-Bit Parallel ITU-R BT.656 Output with Separate
HS and VS
o +1.8V Digital and Analog Supply Voltage
o +1.7V to +3.45V Digital I/O Supply Voltage
o Full Automotive Temperature Range (-40°C to
+125°C)
o Low-Power Modes
Shutdown (< 100µW typ)
Sleep Mode with Continuous Activity Detection
(< 5mW typ)
o 2-to-1 Video Input Mux with AGC
Low-Power, High-Performance
NTSC/PAL Video Decoder
________________________________________________________________
Maxim Integrated Products
1
19-4535; Rev 2; 2/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
ANALOG
FRONT-END
DIGITAL
DECODER
OUTPUT
PROCESSING
SYNC
PROCESSING,
CLOCK
GENERATION,
AND PLL
I2C INTERFACE
AND REGISTERS
VIN1
VIN2
XTAL/OSC
XTAL2
SDA
SCL
DEVADDR
IRQ
D9–D0
LLC
CLOCK
10
10
10
NONSTD
VIDEO
MAX9526
Functional Diagram
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX9526AEI+
-40°C to +125°C
28 QSOP
MAX9526AEI/V+
-40°C to +125°C
28 QSOP
MAX9526ATJ+
-40°C to +125°C
32 TQFN-EP*
MAX9526ATJ/V+
-40°C to +125°C
32 TQFN-EP*
+
Denotes lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
*
EP = Exposed pad.


Similar Part No. - MAX9526AEI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9526AEI++ MAXIM-MAX9526AEI+ Datasheet
351Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 1; 7/09
MAX9526AEI++ MAXIM-MAX9526AEI+ Datasheet
775Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
More results

Similar Description - MAX9526AEI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9526 MAXIM-MAX9526 Datasheet
351Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
Rev 1; 7/09
MAX9526 MAXIM-MAX9526_V01 Datasheet
775Kb / 38P
   Low-Power, High-Performance NTSC/PAL Video Decoder
19-4535; Rev 3; 2/11
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com