Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9634FERS+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9634FERS+
Description  1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9634FERS+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9634FERS+ Datasheet HTML 1Page - Maxim Integrated Products MAX9634FERS+ Datasheet HTML 2Page - Maxim Integrated Products MAX9634FERS+ Datasheet HTML 3Page - Maxim Integrated Products MAX9634FERS+ Datasheet HTML 4Page - Maxim Integrated Products MAX9634FERS+ Datasheet HTML 5Page - Maxim Integrated Products MAX9634FERS+ Datasheet HTML 6Page - Maxim Integrated Products MAX9634FERS+ Datasheet HTML 7Page - Maxim Integrated Products MAX9634FERS+ Datasheet HTML 8Page - Maxim Integrated Products MAX9634FERS+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
_______________________________________________________________________________________
5
SMALL-SIGNAL PULSE RESPONSE
(GAIN = 100)
MAX9634 toc13a
20
µs/div
VOUT
VSENSE
1V
1.5V
10mV
15mV
SMALL-SIGNAL PULSE RESPONSE
(GAIN = 50)
MAX9634 toc13b
25
µs/div
VOUT
VSENSE
1V
1.5V
20mV
30mV
SMALL-SIGNAL PULSE RESPONSE
(GAIN = 25)
MAX9634 toc13c
25
µs/div
VOUT
VSENSE
1V
1.5V
40mV
60mV
LARGE-SIGNAL PULSE RESPONSE
(GAIN = 100)
MAX9634 toc14a
20
µs/div
VOUT
VSENSE
1V
3V
10mV
30mV
LARGE-SIGNAL PULSE RESPONSE
(GAIN = 50)
MAX9634 toc14b
25
µs/div
VOUT
VSENSE
0.5V
3V
10mV
60mV
LARGE-SIGNAL PULSE RESPONSE
(GAIN = 25)
MAX9634 toc14c
25
µs/div
VOUT
VSENSE
0.5V
3V
20mV
120mV
Typical Operating Characteristics (continued)
(VRS+ = VRS- = 3.6V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
UCSP
SOT23
NAME
FUNCTION
A1
5
RS+
External Sense Resistor Power-Side Connection
A2
4
RS-
External Sense Resistor Load-Side Connection
B1
1, 2
GND
Ground
B2
3
OUT
Output Voltage. VOUT is proportional to VSENSE = VRS+ - VRS-.


Similar Part No. - MAX9634FERS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9634FERS++ MAXIM-MAX9634FERS+ Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
More results

Similar Description - MAX9634FERS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
   Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com