Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9951FCCB+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9951FCCB+
Description  Dual Per-Pin Parametric Measurement Units
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9951FCCB+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9951FCCB+ Datasheet HTML 1Page - Maxim Integrated Products MAX9951FCCB+ Datasheet HTML 2Page - Maxim Integrated Products MAX9951FCCB+ Datasheet HTML 3Page - Maxim Integrated Products MAX9951FCCB+ Datasheet HTML 4Page - Maxim Integrated Products MAX9951FCCB+ Datasheet HTML 5Page - Maxim Integrated Products MAX9951FCCB+ Datasheet HTML 6Page - Maxim Integrated Products MAX9951FCCB+ Datasheet HTML 7Page - Maxim Integrated Products MAX9951FCCB+ Datasheet HTML 8Page - Maxim Integrated Products MAX9951FCCB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX9951/MAX9952 dual parametric measurement
units (PMUs) feature a small package size, wide force and
measurement range, and high accuracy, making the
devices ideal for automatic test equipment (ATE) and other
instrumentation that requires a PMU per pin or per site.
The MAX9951/MAX9952 force or measure voltages in the
-2V to +7V through -7V to +13V ranges, dependent upon
the supply voltage (VCC and VEE). The devices handle
supply voltages of up to +30V (VCC to VEE) and a 20V
device-under-test (DUT) voltage swing at full current. The
MAX9951/MAX9952 also force or measure currents up to
±64mA with a lowest full-scale range of ±2µA. Integrated
support circuitry facilitates use of an external buffer ampli-
fier for current ranges greater than ±64mA.
A voltage proportional to the measured output voltage
or current is provided at the MSR_ output. Integrated
comparators, with externally set voltage thresholds,
provide detection for both voltage and current levels.
The MSR_ and comparator outputs can be placed in a
high-impedance state. Separate FORCE and SENSE
connections are short-circuit protected for voltages
from (VEE - 0.3V) to (VCC + 0.3V). The FORCE output
also features a low-leakage, high-impedance state.
Integrated voltage clamps limit the force output to lev-
els set externally. The force-current or the measure-cur-
rent voltage can be offset -0.2V to +4.4V (IOS). This
feature allows for the centering of the control or mea-
sured signal within the external DAC or ADC range.
The MAX9951D/MAX9952D feature an integrated 10k
Ω
force-sense resistor between FORCE_ and SENSE_.
The MAX9951F/MAX9952F have no internal force-sense
resistor. These devices are available in a 64-pin, 10mm
x 10mm, 0.5mm pitch TQFP package with an exposed
8mm x 8mm die pad on the top (MAX9951) or the bot-
tom (MAX9952) of the package for efficient heat
removal. The exposed pad is internally connected to
VEE. The MAX9951/MAX9952 are specified over the
commercial 0°C to +70°C temperature range.
Applications
Memory Testers
VLSI Testers
System-on-a-Chip Testers
Structural Testers
Features
o Force Voltage/Measure Current (FVMI)
o Force Current/Measure Voltage (FIMV)
o Force Voltage/Measure Voltage (FVMV)
o Force Current/Measure Current (FIMI)
o Force Nothing/Measure Voltage (FNMV)
o Force Nothing/Measure Current (FNMI,
Range E Only)
o Termination/Measure Current
o Termination/Measure Voltage
o Five Programmable Current Ranges
±20µA
±20µA
±200µA
±2mA
±64mA
o -2V to +7V Through -7V to +13V Input-Voltage
Range
o Force-Current/Measure-Current Adjustable-
Voltage Offset (IOS)
o Programmable Voltage Clamps at Force Output
o Low-Leakage, High-Impedance Measure, and
Force States
o 3-Wire Serial Interface
o Low 6mA (max) Quiescent Current per PMU
Dual Per-Pin Parametric
Measurement Units
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-3247; Rev 4; 11/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
-
Denotes a package containing lead(Pb).
D = Dry pack.
*
EPR = Top side exposed pad.
T = Tape and reel.
**
EP = Exposed pad.
Pin Configurations and Selector Guide appear at end of
data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX9951DCCB+D
0°C to +70°C
64 TQFP-EPR*
MAX9951DCCB+TD
0°C to +70°C
64 TQFP-EPR*
MAX9951DCCB-D
0°C to +70°C
64 TQFP-EPR*
MAX9951DCCB-TD
0°C to +70°C
64 TQFP-EPR*
MAX9951FCCB+
0°C to +70°C
64 TQFP-EPR*
MAX9951FCCB+T
0°C to +70°C
64 TQFP-EPR*
MAX9951FCCB-D
0°C to +70°C
64 TQFP-EPR*
MAX9951FCCB-TD
0°C to +70°C
64 TQFP-EPR*
MAX9952DCCB+
0°C to +70°C
64 TQFP-EP**
MAX9952DCCB+T
0°C to +70°C
64 TQFP-EP**
MAX9952DCCB-D
0°C to +70°C
64 TQFP-EP**
MAX9952DCCB-TD
0°C to +70°C
64 TQFP-EP**
MAX9952FCCB+
0°C to +70°C
64 TQFP-EP**
MAX9952FCCB+T
0°C to +70°C
64 TQFP-EP**
MAX9952FCCB-D
0°C to +70°C
64 TQFP-EP**
MAX9952FCCB-TD
0°C to +70°C
64 TQFP-EP**


Similar Part No. - MAX9951FCCB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951FCCB++ MAXIM-MAX9951FCCB+ Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9951FCCB+T MAXIM-MAX9951FCCB+T Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
More results

Similar Description - MAX9951FCCB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com