Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9952DCCB+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9952DCCB+T
Description  Dual Per-Pin Parametric Measurement Units
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9952DCCB+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9952DCCB+T Datasheet HTML 5Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 6Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 7Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 8Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 9Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 10Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 11Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 12Page - Maxim Integrated Products MAX9952DCCB+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Dual Per-Pin Parametric
Measurement Units
_______________________________________________________________________________________
9
Pin Description
PIN
MAX9951 MAX9952
NAME
FUNCTION
148
SENSEA
PMU-A Sense Input. A Kelvin connection to the DUT. Provides the feedback signal in FVMI
mode and the measured signal in FIMV mode for PMU-A.
247
FORCEA
PMU-A Driver Output. Forces a current or voltage to the DUT for PMU-A.
3
46
CCA
PMU-A Compensation Capacitor Connection. Provides compensation for the PMU-A main
amplifier. Connect a 120pF capacitor from CCA to CCOMA.
5, 15,
34, 44
5, 15,
34, 44
VEE
Negative Analog-Supply Input
4, 14,
35, 45
4, 14,
35, 45
VCC
Positive Analog-Supply Input
643
CCOMA
Common Connection of CMA and CXA for PMU-A
7
42
RAAS
PMU-A Range Setting Resistor-Sense Connection
8
41
RAA
PMU-A Range A Setting Resistor Connection
9
40
RAB
PMU-A Range B Setting Resistor Connection
10
39
RAC
PMU-A Range C Setting Resistor Connection
11
38
RAD
PMU-A Range D Setting Resistor Connection
12
37
RAE
PMU-A Range E Setting Resistor Connection
13
36
RAX
PMU-A Current-Range Sense-Resistor Connection. Connects to the external current range
sense resistor for PMU-A.
16
33
EXTSELA
PMU-A External Current-Range Selector. Selects the external current range for PMU-A.
17
32
DUTLA
PMU-A Window Comparator Lower Comparator Output. A high output indicates that the sensed
voltage at the window comparator is above VTHMINA. DUTLA is an open-drain output.
18
31
DUTHA
PMU-A Window Comparator Higher Comparator Output. A high output indicates that the
sensed voltage at the window comparator is below VTHMAXA. DUTHA is an open-drain output.
19
30
HI-ZA
MSRA Tri-State Control Input. A logic-low places MSRA in a high-impedance state.
20
29
INSELA
Input Select PMU-A. INSELA is a logic input that selects between IN0A and IN1A. Force
INSELA low to select IN0A. INSELA is OR’ed with control register bit INMODEA.
21
28
TEMP
Temperature Output. VTEMP = 10mV/°C. TDIE(°C) = (100)VTEMP - 273.
22
27
DGND
Digital Ground
23
26
VL
Logic-Supply Voltage Input. The voltage applied at VL sets the upper logic-voltage level.
24
25
DOUT
Serial-Data Output. A standard SPI™-compatible output. Data appears at DOUT MSB first.
25
24
DIN
Serial-Data Input. Load data into DIN MSB first.
26
23
LOAD
Serial-Port Load Input. A logic-low asynchronously loads data from the input registers into the
PMU registers.
SPI is a trademark of Motorola, Inc.


Similar Part No. - MAX9952DCCB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9952DCCB+T MAXIM-MAX9952DCCB+T Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
More results

Similar Description - MAX9952DCCB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com