Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30DQ120K Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT30DQ120K
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30DQ120K Datasheet(HTML) 1 Page - Microsemi Corporation

  APT30DQ120K Datasheet HTML 1Page - Microsemi Corporation APT30DQ120K Datasheet HTML 2Page - Microsemi Corporation APT30DQ120K Datasheet HTML 3Page - Microsemi Corporation APT30DQ120K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT BENEFITS
• Low Losses
• Low Noise Switching
• Cooler Operation
• Higher Reliability Systems
• Increased System Power
Density
PRODUCT FEATURES
• Ultrafast Recovery Times
• Soft Recovery Characteristics
• Popular TO-220 Package
• Low Forward Voltage
• Low Leakage Current
• Avalanche Energy Rated
PRODUCT APPLICATIONS
• Anti-Parallel Diode
-Switchmode Power Supply
-Inverters
• Free Wheeling Diode
-Motor Controllers
-Converters
-Inverters
• Snubber Diode
• PFC
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
1200V 30A
APT30DQ120K
APT30DQ120KG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
1 - Cathode
2 - Anode
Back of Case - Cathode
1
2
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
V
F
I
RM
C
T
UNIT
Volts
µA
pF
MIN
TYP
MAX
2.8
3.3
3.4
2.1
100
500
36
Characteristic / Test Conditions
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R
= 200V
I
F
= 30A
I
F
= 60A
I
F
= 30A, T
J
= 125°C
V
R
= 1200V
V
R
= 1200V, T
J
= 125°C
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C
= 103°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J
= 45°C, 8.3ms)
Avalanche Energy (1A, 40mH)
Operating and StorageTemperature Range
Lead Temperature for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F(AV)
I
F(RMS)
I
FSM
E
AVL
T
J
,T
STG
T
L
UNIT
Volts
Amps
mJ
°C
APT30DQ120K(G)
1200
30
43
210
20
-55 to 175
300
Microsemi Website - http://www.microsemi.com
1
2
(K)


Similar Part No. - APT30DQ120K

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30DQ120K ADPOW-APT30DQ120K Datasheet
81Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30DQ120KG ADPOW-APT30DQ120KG Datasheet
81Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT30DQ120K

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com