Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11045ECB+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11045ECB+
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11045ECB+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11045ECB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11045ECB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11045ECB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11045ECB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11045ECB+ Datasheet HTML 10Page - Maxim Integrated Products MAX11045ECB+ Datasheet HTML 11Page - Maxim Integrated Products MAX11045ECB+ Datasheet HTML 12Page - Maxim Integrated Products MAX11045ECB+ Datasheet HTML 13Page - Maxim Integrated Products MAX11045ECB+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
10
______________________________________________________________________________________
Detailed Description
The MAX11044/MAX11045/MAX11046 are fast, low-
power ADCs that combine 4, 6, or 8 independent ADC
channels in a single IC. Each channel includes simulta-
neously sampling independent T/H circuitry that pre-
serves relative phase information between inputs
making the MAX11044/MAX11045/MAX11046 ideal for
motor control and power monitoring. The MAX11044/
MAX11045/MAX11046 are available with ±5V input
ranges that feature ±20mA overrange, fault-tolerant
inputs. The MAX11044/MAX11045/MAX11046 operate
with a single 4.75V to 5.25V supply. A separate 2.7V to
5.25V supply for digital circuitry makes the devices
compatible with low-voltage processors.
The MAX11044/MAX11045/MAX11046 perform conver-
sions for all channels in parallel by activating indepen-
dent ADCs. Results are available through a high-speed,
20MHz, parallel data bus after a conversion time of 3μs
following the end of a sample. The data bus is bidirec-
tional and allows for easy programming of the configu-
ration register. The MAX11044/MAX11045/MAX11046
feature a reference buffer, which is driven by an internal
bandgap reference circuit (VREFIO = 4.096V). Drive
REFIO with an external reference or bypass with 0.1μF
capacitor to ground when using the internal reference.
Analog Inputs
Track and Hold (T/H)
To preserve phase information across all channels,
each input includes a dedicated T/H circuitry. The input
tracking circuitry provides a 4MHz small-signal band-
width, enabling the device to digitize high-speed tran-
sient events and measure periodic signals with band-
widths exceeding the ADC’s sampling rate by using
undersampling techniques. Use anti-alias filtering to
avoid high-frequency signals being aliased into the fre-
quency band of interest.
Input Range and Protection
The full-scale analog input voltage is a product of the ref-
erence voltage. For the MAX11044/MAX11045/
MAX11046, the full-scale input is bipolar in the range of:
When in external reference mode, drive VREFIO with a
3.0V to 4.25V source, resulting in an input range of
±3.662V to ±5.188V, respectively.
All analog inputs are fault-protected to up to ±20mA.
The MAX11044/MAX11045/MAX11046 include an input
clamping circuit that activates when the input voltage at
the analog input is above (VAVDD + 300mV) or below
–(VAVDD + 300mV). The clamp circuit remains high
impedance while the input signal is within the range of
±VAVDD and draws little or almost no current. However,
when the input signal exceeds ±VAVDD, the clamps
begin to turn on and shunt current to/from the AVDD
supply. Consequently, to obtain the highest accuracy,
ensure that the input voltage does not exceed ±VAVDD.
Note that the input clamp circuit also has a small
amount of hysteresis and once triggered remains
engaged, shunting current to/from AVDD until the input
returns to within the convertible range by several hun-
dredths of a volt. This effect can cause some errors at
±(
.
)
Vx
REFIO
5
4 096
Pin Description (continued)
PIN
TQFP
TQFN
NAME
FUNCTION
42
37
CH4
Channel 4 Analog Input
44
39
CH5
Channel 5 Analog Input
47
42
CH6
Channel 6 Analog Input
50
45
CH7
Channel 7 Analog Input
61
52
WR
Active-Low Write Input. Drive
WR low to write to the ADC. Configuration registers are
loaded on the rising edge of
WR.
62
53
CS
Active-Low Chip-Select Input. Drive
CS low when reading from or writing to the ADC.
63
54
RD
Active-Low Read Input. Drive
RD low to read from the ADC. Each rising edge of RD
advances the channel output on the data bus.
64
55
DB15
16-Bit Parallel Data Bus Digital Out Bit 15
——
EP
Exposed Pad. Internally connected to AGND. Connect to a large ground plane to
maximize thermal performance. Not intended as an electrical connection point.


Similar Part No. - MAX11045ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11045ECB++ MAXIM-MAX11045ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11045ECB++ MAXIM-MAX11045ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11045ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com