Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15038 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15038
Description  4A, 2MHz Step-Down Regulator with Integrated Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15038 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15038_09 Datasheet HTML 3Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 4Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 5Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 6Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 7Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 8Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 9Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 10Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
4A, 2MHz Step-Down Regulator
with Integrated Switches
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(Typical values are VIN = VEN = 5V, VOUT = 1.8V, RFREQ = 49.9kΩ, IOUT = 4A, TA = +25°C, circuit of Figure 1, unless otherwise noted.)
HICCUP CURRENT LIMIT
MAX15038 toc13
400
µs/div
1V/div
5A/div
1A/div
0V
0A
0A
VOUT
IOUT
IIN
RMS INPUT CURRENT DURING
SHORT CIRCUIT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
0.1
0.2
0.3
0.4
0.5
0
2.5
5.5
VOUT = 0V
EXPOSED PAD TEMPERATURE
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
80
60
40
20
10
20
30
40
50
60
70
80
90
100
0
0100
MEASURED ON A MAX15038EVKIT
4A LOAD
FEEDBACK VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.57
0.58
0.59
0.60
0.62
0.61
0.63
0.64
0.56
-40
85
SOFT-START WITH REFIN
MAX15038 toc17
200
µs/div
1A/div
0.5V/div
2V/div
0A
1V/div
0V
0V
0V
IIN
VPWRGD
VREFIN
VOUT
STARTING INTO PREBIASED OUTPUT
(MODE = VDD, VOUT = 2.5V, 2A LOAD)
MAX15038 toc18
200
µs/div
5V/div
1V/div
5V/div
0V
2A
0A
0V
0V
VEN
VPWRGD
VOUT
IOUT
STARTING INTO PREBIASED OUTPUT
(MODE = VDD/2, VOUT = 2.5V, 2A LOAD)
MAX15038 toc19
200
µs/div
5V/div
1V/div
5V/div
0V
2A
0A
0V
0V
VEN
VPWRGD
VOUT
IOUT


Similar Part No. - MAX15038_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15038EVKIT++ MAXIM-MAX15038EVKIT+ Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results

Similar Description - MAX15038_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com