Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15039 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15039
Description  6A, 2MHz Step-Down Regulator with Integrated Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15039 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15039 Datasheet HTML 1Page - Maxim Integrated Products MAX15039 Datasheet HTML 2Page - Maxim Integrated Products MAX15039 Datasheet HTML 3Page - Maxim Integrated Products MAX15039 Datasheet HTML 4Page - Maxim Integrated Products MAX15039 Datasheet HTML 5Page - Maxim Integrated Products MAX15039 Datasheet HTML 6Page - Maxim Integrated Products MAX15039 Datasheet HTML 7Page - Maxim Integrated Products MAX15039 Datasheet HTML 8Page - Maxim Integrated Products MAX15039 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
6A, 2MHz Step-Down Regulator
with Integrated Switches
_______________________________________________________________________________________
5
EFFICIENCY
vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
1.0
50
60
70
80
90
100
40
0.1
10.0
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
PWM
SKIP
EFFICIENCY
vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
1.0
50
60
70
80
90
100
40
0.1
10.0
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VIN = 3.3V
PWM
SKIP
FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
1.80
2.5
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
RFREQ = 23.2k
FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0.80
2.5
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
RFREQ = 49.9k
LOAD REGULATION
LOAD CURRENT (A)
5
6
4
12
3
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
-0.50
07
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
LINE REGULATION (LOAD = 6A)
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
-0.10
-0.08
-0.06
-0.04
-0.02
0
-0.12
2.5
5.5
VOUT = 1.2V
VOUT = 1.8V
Typical Operating Characteristics
(Typical values are VIN = VEN = 5V, VOUT = 1.8V, RFREQ = 49.9kΩ, IOUT = 6A, TA = +25°C, circuit of Figure 1, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 5V, CVDD = 2.2µF, TA = TJ = -40°C to +85°C, typical values are at TA = +25°C, circuit of Figure 1, unless otherwise
noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FB Hiccup Threshold
VFB falling
70
%
VREFIN
Hiccup Threshold Blanking Time
VFB falling
28
µs
Note 3: Specifications are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.


Similar Part No. - MAX15039

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039 MAXIM-MAX15039 Datasheet
423Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches Open-Drain, Power-Good Output
Rev 3; 12/10
MAX15039 MAXIM-MAX15039 Datasheet
241Kb / 11P
   500kHz to 2MHz Adjustable Frequency
Rev 1; 5/10
MAX15039 MAXIM-MAX15039 Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15039ETG MAXIM-MAX15039ETG Datasheet
423Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches Open-Drain, Power-Good Output
Rev 3; 12/10
More results

Similar Description - MAX15039

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com