Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60AM35T1G Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTC60AM35T1G
Description  Phase leg Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60AM35T1G Datasheet(HTML) 6 Page - Microsemi Corporation

  APTC60AM35T1G Datasheet HTML 1Page - Microsemi Corporation APTC60AM35T1G Datasheet HTML 2Page - Microsemi Corporation APTC60AM35T1G Datasheet HTML 3Page - Microsemi Corporation APTC60AM35T1G Datasheet HTML 4Page - Microsemi Corporation APTC60AM35T1G Datasheet HTML 5Page - Microsemi Corporation APTC60AM35T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTC60AM35T1G
www.microsemi.com
6 – 6
TJ=25°C
TJ=150°C
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Delay Times vs Current
td(on)
td(off)
0
50
100
150
200
250
300
350
0
20
40
60
80
100 120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
0
20
40
60
80
100
120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
100
120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
2
4
6
8
10
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=400V
ID=72A
TJ=125°C
L=100µH
hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
140
15 20 25 30 35 40 45 50 55 60 65
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=400V
D=50%
RG=2.5Ω
TJ=125°C
TC=75°C
“COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. “COOLMOS” is a trademark of Infineon
Technologies AG”.
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTC60AM35T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60AM35SCT ADPOW-APTC60AM35SCT Datasheet
317Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60AM35SCTG MICROSEMI-APTC60AM35SCTG Datasheet
316Kb / 8P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC60AM35T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC90A12T1G MICROSEMI-APTC90A12T1G Datasheet
209Kb / 5P
   Phase leg Super Junction MOSFET Power Module
APTC60AM45T1G MICROSEMI-APTC60AM45T1G Datasheet
318Kb / 6P
   Phase leg Super Junction MOSFET Power Module
APTC60AM70T1G MICROSEMI-APTC60AM70T1G Datasheet
327Kb / 6P
   Phase leg Super Junction MOSFET Power Module
APTC80A15T1G MICROSEMI-APTC80A15T1G Datasheet
326Kb / 6P
   Phase leg Super Junction MOSFET Power Module
APTC60AM24T1G MICROSEMI-APTC60AM24T1G Datasheet
318Kb / 6P
   Phase leg Super Junction MOSFET Power Module
APTC90AM60T1G MICROSEMI-APTC90AM60T1G Datasheet
205Kb / 5P
   Phase leg Super Junction MOSFET Power Module
APTC60TAM24TPG MICROSEMI-APTC60TAM24TPG Datasheet
269Kb / 6P
   Triple phase leg Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60TAM35P ADPOW-APTC60TAM35P Datasheet
334Kb / 6P
   Triple phase leg Super Junction MOSFET Power Module
APTC80TA15P ADPOW-APTC80TA15P Datasheet
332Kb / 6P
   Triple phase leg Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60TAM35PG MICROSEMI-APTC60TAM35PG Datasheet
308Kb / 6P
   Triple phase leg Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com