Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16822B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16822B
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16822B Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16822B Datasheet HTML 1Page - Maxim Integrated Products MAX16822B Datasheet HTML 2Page - Maxim Integrated Products MAX16822B Datasheet HTML 3Page - Maxim Integrated Products MAX16822B Datasheet HTML 4Page - Maxim Integrated Products MAX16822B Datasheet HTML 5Page - Maxim Integrated Products MAX16822B Datasheet HTML 6Page - Maxim Integrated Products MAX16822B Datasheet HTML 7Page - Maxim Integrated Products MAX16822B Datasheet HTML 8Page - Maxim Integrated Products MAX16822B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX16822A/MAX16822B step-down constant-cur-
rent high-brightness LED (HB LED) drivers provide a
cost-effective design solution for automotive
interior/exterior lighting, architectural and ambient light-
ing, LED bulbs, and other LED illumination applications.
The MAX16822A/MAX16822B operate from a +6.5V to
+65V input-voltage range and can provide an output
current up to 350mA, if operated up to a temperature of
+125°C, or up to 500mA, if operated up to a tempera-
ture of +105°C. A high-side current-sense resistor
adjusts the output current and a dedicated pulse-width
modulation (PWM) input enables pulsed LED dimming
over a wide range of brightness levels.
These devices are well suited for applications requiring
a wide input-voltage range. The high-side current sens-
ing and an integrated current-setting circuitry minimize
the number of external components while delivering an
average output current with ±3% accuracy. A hysteretic
control method ensures excellent input supply rejection
and fast response during load transients and PWM dim-
ming. The MAX16822A allows 10% current ripple and
the MAX16822B allows 30% current ripple. Both
devices operate up to a switching frequency of 2MHz,
thus allowing the use of small-sized components.
The MAX16822A/MAX16822B offer an analog dimming
feature that reduces the output current by applying an
external DC voltage below the internal 2V threshold volt-
age from TEMP_I to GND. TEMP_I also sources 25µA to
a negative temperature coefficient (NTC) thermistor con-
nected between TEMP_I and GND, thus providing an
analog thermal-foldback feature that reduces the LED
current when the temperature of the LED string exceeds
a specified temperature point.
An additional feature includes thermal-shutdown pro-
tection that turns off the LX driver when the junction
temperature exceeds +165°C.
The MAX16822A/MAX16822B operate over the -40°C to
+125°C automotive temperature range and are available
in an 8-pin SO package.
Applications
Architectural, Industrial, and Ambient Lighting
Automotive RCL, DRL, and Fog Lights
Heads-Up Displays
Indicator and Emergency Lighting
Features
o High-Efficiency Solution
o 6.5V to 65V Input-Voltage Range
o Output Current Up to 500mA
o On-Board 65V, 0.85Ω Power MOSFET
o Hysteretic Control: Up to 2MHz Switching
Frequency
o ±3% LED Current Accuracy
o 200mV Current-Sense Reference
o Resistor-Programmable Constant LED Current
o Integrated High-Side Current Sense
o Thermal-Foldback Protection/Linear Dimming
o Thermal-Shutdown Protection
o Available in an 8-Pin SO Package
o -40°C to +125°C Operating Temperature Range
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
LX
LX
PGND
1
2
8
7
TEMP_I
DIM
IN
GND
CS
3
4
6
5
MAX16822A
MAX16822B
L1
C2
ON
OFF
D1
HB LEDs
NTC*
*OPTIONAL
RSENSE
VIN
C1
Typical Application Circuit
19-4141; Rev 3; 1/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
PART
TEMP RANGE
PIN-PACKAGE
MAX16822AASA+
-40°C to +125°C
8 SO
MAX16822AASA/V+
-40°C to +125°C
8 SO
MAX16822BASA+
-40°C to +125°C
8 SO
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX16822B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822B MAXIM-MAX16822B Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822B MAXIM-MAX16822B Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16822BASA++ MAXIM-MAX16822BASA+ Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822BASA++ MAXIM-MAX16822BASA+ Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16822BEVKIT MAXIM-MAX16822BEVKIT Datasheet
113Kb / 6P
   MAX16822B Evaluation Kit
Rev 0; 7/08
More results

Similar Description - MAX16822B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A_V01 Datasheet
267Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
2015
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com