Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16823ATE+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16823ATE+
Description  High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823ATE+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16823ATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Voltage, 3-Channel Linear High-Brightness
LED Driver with Open LED Detection
6
_______________________________________________________________________________________
Detailed Description
The MAX16823 three-channel current regulator operates
from a 5.5V to 40V input voltage range and delivers up
to 100mA per channel to one or more strings of
HBLEDs. The output currents are programmable using
external current-sense resistors in series with the LEDs.
Three DIM inputs allow a wide range of independent
pulsed dimming in addition to providing the on and off
control of the outputs. The MAX16823 offers an LED-
GOOD output that indicates an open-circuit condition
when one or more LED channels are open.
Integrated pass elements minimize external compo-
nents while providing
±5% output current accuracy.
Additional features include a 3.4V (±5%) voltage regula-
tor with 4mA output current capability, short-circuit and
thermal protection.
The MAX16823 uses a feedback loop to linearly control
the current from each output. The voltage across each
sense resistor is compared to a fixed reference voltage
and the error is amplified to drive the internal power
pass device for a particular channel. See the
Block
Diagram. The regulation point is factory-set at 203mV.
The regulated current is adjusted by the value of
RCS__.
The MAX16823 is a constant-current LED driver inter-
nally optimized for driving the impedance range
expected from one or more HBLEDs.
3.4V Regulator (REG)
The MAX16823 includes a fixed 3.4V voltage regulator
that delivers up to 4mA of load current for auxiliary
applications throughout the 5.5V to 40V input voltage
range. Connect a 0.1µF compensation capacitor from
REG to ground. Shorting REG to ground disables the
thermal shutdown.
Thermal Protection
The MAX16823 enters a thermal-shutdown mode in the
event of overheating. This typically occurs in overload or
output short-circuit conditions. When the junction temper-
ature exceeds TJ = +155°C, the internal thermal protec-
tion circuitry turns off the series pass elements. The
MAX16823 recovers from thermal-shutdown mode once
the junction temperature drops by 23°C. The part will
therefore protect itself by low-frequency thermal cycling
in the event of a short-circuit or overload condition.
Applications Information
Programming the LED Current
The MAX16823 uses sense resistors to set the output
current for each channel. To set the LED current for a
particular channel, connect a sense resistor across the
corresponding current-sense input (CS_) and GND. For
optimal accuracy, connect the low-side of the current-
sense resistors to the IC’s ground pin with short traces.
The value needed for the sense resistor for a given cur-
rent can be calculated with the equation below:
where VCS_ is 203mV and IOUT_ is the desired LED
current (ILED).
Input-Voltage Considerations
For proper operation, the minimum input voltage must
always be:
where VFT(MAX) is the total forward voltage of all series-
connected LEDs. The minimum operating voltage of
the device is 5.5V.
LEDGOOD
The MAX16823 features an active-low, open-drain
LEDGOOD output that goes low either when one or
more LED channels are open or when a signal at any of
the dimming inputs remains low for a period greater
than the programmed LEDGOOD delay time tDELAY.
Program tDELAY with a capacitor connected between
LGC and ground. The LEDGOOD output goes low after
the programmed delay period tDELAY has elapsed. Use
the following formula to set the delay period:
where CLGC is the capacitor connected between LGC
and ground. The LEDGOOD output goes low during
the thermal shutdown.
tC
F
DELAY
LGC
257 900
,( )
( )
Ω
VV
V
V
IN MIN
CS MAX
FT MAX
DO MAX
()
_(
)
(
)
(
)
≥+
+
R
VV
IA
CS
CS
OUT
_
_
_
()
()
()
Ω=


Similar Part No. - MAX16823ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
More results

Similar Description - MAX16823ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com