Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60SKM24T1G Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTC60SKM24T1G
Description  Buck chopper Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60SKM24T1G Datasheet(HTML) 6 Page - Microsemi Corporation

  APTC60SKM24T1G Datasheet HTML 1Page - Microsemi Corporation APTC60SKM24T1G Datasheet HTML 2Page - Microsemi Corporation APTC60SKM24T1G Datasheet HTML 3Page - Microsemi Corporation APTC60SKM24T1G Datasheet HTML 4Page - Microsemi Corporation APTC60SKM24T1G Datasheet HTML 5Page - Microsemi Corporation APTC60SKM24T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTC60SKM24T1G
www.microsemi.com
6 – 6
TJ=25°C
TJ=150°C
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
120
140
0
20406080 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
10
20
30
40
50
60
70
0
20
40
60
80 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
0
20
40
60
80 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
1
2
3
4
5
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=400V
ID=95A
TJ=125°C
L=100µH
hard
switching
ZCS
ZVS
0
50
100
150
200
250
300
10 20 30 40 50 60 70 80 90
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=400V
D=50%
RG=2.5Ω
TJ=125°C
TC=75°C
“COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. “COOLMOS” is a trademark of Infineon
Technologies AG”.
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTC60SKM24T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60SKM24CT1G MICROSEMI-APTC60SKM24CT1G Datasheet
257Kb / 7P
   Buck chopper Super Junction MOSFET SiC chopper diode
More results

Similar Description - APTC60SKM24T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80SK15T1G MICROSEMI-APTC80SK15T1G Datasheet
320Kb / 6P
   Buck chopper Super Junction MOSFET Power Module
APTC90SKM60T1G MICROSEMI-APTC90SKM60T1G Datasheet
209Kb / 5P
   Buck chopper Super Junction MOSFET Power Module
APTC60SKM35T1G MICROSEMI-APTC60SKM35T1G Datasheet
319Kb / 6P
   Buck chopper Super Junction MOSFET Power Module
APTC60DSKM35T3G MICROSEMI-APTC60DSKM35T3G Datasheet
309Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80DSK29T3 ADPOW-APTC80DSK29T3 Datasheet
337Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
APT40N60JCU3 ADPOW-APT40N60JCU3 Datasheet
485Kb / 8P
   ISOTOP Buck chopper Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60DSKM45T1G MICROSEMI-APTC60DSKM45T1G Datasheet
261Kb / 7P
   Dual Buck chopper Super Junction MOSFET Power Module
APTC90DSK12T1G MICROSEMI-APTC90DSK12T1G Datasheet
230Kb / 6P
   Dual Buck chopper Super Junction MOSFET Power Module
APTC80DSK15T3G MICROSEMI-APTC80DSK15T3G Datasheet
309Kb / 6P
   Dual Buck chopper Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60DSKM70T3 ADPOW-APTC60DSKM70T3 Datasheet
338Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com