Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60SKM35T1G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTC60SKM35T1G
Description  Buck chopper Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60SKM35T1G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTC60SKM35T1G Datasheet HTML 1Page - Microsemi Corporation APTC60SKM35T1G Datasheet HTML 2Page - Microsemi Corporation APTC60SKM35T1G Datasheet HTML 3Page - Microsemi Corporation APTC60SKM35T1G Datasheet HTML 4Page - Microsemi Corporation APTC60SKM35T1G Datasheet HTML 5Page - Microsemi Corporation APTC60SKM35T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTC60SKM35T1G
www.microsemi.com
4 – 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
4V
4.5V
5V
5.5V
6V
6.5V
0
40
80
120
160
200
240
280
320
360
400
0
5
10
15
20
25
VDS, Drain to Source Voltage (V)
VGS=15&10V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=25°C
TJ=125°C
0
40
80
120
160
200
240
280
01
23
4
5
67
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.9
0.95
1
1.05
1.1
0
20
40
60
80
100
120
ID, Drain Current (A)
Normalized to
VGS=10V @ 36A
0
10
20
30
40
50
60
70
80
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Similar Part No. - APTC60SKM35T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60SKM24CT1G MICROSEMI-APTC60SKM24CT1G Datasheet
257Kb / 7P
   Buck chopper Super Junction MOSFET SiC chopper diode
APTC60SKM24T1G MICROSEMI-APTC60SKM24T1G Datasheet
312Kb / 6P
   Buck chopper Super Junction MOSFET Power Module
More results

Similar Description - APTC60SKM35T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80SK15T1G MICROSEMI-APTC80SK15T1G Datasheet
320Kb / 6P
   Buck chopper Super Junction MOSFET Power Module
APTC90SKM60T1G MICROSEMI-APTC90SKM60T1G Datasheet
209Kb / 5P
   Buck chopper Super Junction MOSFET Power Module
APTC60SKM24T1G MICROSEMI-APTC60SKM24T1G Datasheet
312Kb / 6P
   Buck chopper Super Junction MOSFET Power Module
APTC60DSKM35T3G MICROSEMI-APTC60DSKM35T3G Datasheet
309Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80DSK29T3 ADPOW-APTC80DSK29T3 Datasheet
337Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
APT40N60JCU3 ADPOW-APT40N60JCU3 Datasheet
485Kb / 8P
   ISOTOP Buck chopper Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60DSKM45T1G MICROSEMI-APTC60DSKM45T1G Datasheet
261Kb / 7P
   Dual Buck chopper Super Junction MOSFET Power Module
APTC90DSK12T1G MICROSEMI-APTC90DSK12T1G Datasheet
230Kb / 6P
   Dual Buck chopper Super Junction MOSFET Power Module
APTC80DSK15T3G MICROSEMI-APTC80DSK15T3G Datasheet
309Kb / 6P
   Dual Buck chopper Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60DSKM70T3 ADPOW-APTC60DSKM70T3 Datasheet
338Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com