Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16834 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16834
Description  High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16834 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16834_10 Datasheet HTML 1Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 2Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 3Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 4Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 5Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 6Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 7Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 8Page - Maxim Integrated Products MAX16834_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
High-Power LED Driver with Integrated High-Side LED
Current Sense and PWM Dimming MOSFET Driver
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VHV = 12V, VUVEN = 5V, VLV = VPWMDIM = VSGND, CVCC = 4.7µF, CLCV = 100nF, CREF = 100nF, RSENSE+ = 0.1Ω,
RRT = 10kΩ, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum On-Time
tON(MIN)
On-time includes blanking time
100
ns
Duty Cycle
(Note 4)
90
99.5
%
CURRENT PEAK LIMIT COMPARATOR
Trip Threshold Voltage
0.25
0.3
0.35
V
Propagation Delay
50mV overdrive with respect to NDRV
40
ns
OVERVOLTAGE PROTECTION INPUT (OVP+)
OVP+ On Threshold Voltage
VOVP_ON
1.375
1.435
1.495
V
OVP+ Hysteresis
200
mV
OVP+ Input Leakage Current
(VOVP - VLV) = 1.235V
-1
+1
µA
HIGH-SIDE LED SHORT COMPARATOR
Off Threshold
VCLV - VLV
4.0
4.3
4.6
V
On Threshold
VCLV - VLV
4.1
4.4
4.7
V
Error Reject Blankout
fOSC = 500kHz
256
µs
LOW-SIDE LED SHORT COMPARATOR
Off Threshold
0.27
0.30
0.33
V
Error Reject Blankout
5µs
HICCUP TIMER
Hiccup Time
fOSC = 500kHz
8.2
ms
GATE-DRIVER OUTPUT (NDRV)
NDRV Peak Pullup Current
VCC = 7V
3
A
NDRV Peak Pulldown Current
VCC = 7V
3
A
p-Channel MOSFET RDSON
(VCC - VNDRV) = 0.1V
1.2
1.9
n-Channel MOSFET RDSON
VNDRV = 0.1V
0.9
1.7
DIMOUT
DIMOUT Peak Pullup Current
(VCLV - VLV) = 5V
25
50
mA
DIMOUT Peak Pulldown Current
(VCLV - VLV) = 5V
25
50
mA
p-Channel MOSFET RDSON
(VCLV - VDIMOUT) = 0.1V
31
n-Channel MOSFET RDSON
(VDIMOUT - VLV) = 0.1V
25
PWMDIM to DIMOUT
Propagation Delay
200
ns
FAULT FLAG (
FLT)
FLT Pulldown Current
VFLT = 0.2V
2
5
10
mA
FLT Leakage Current
VFLT = 1.0V
I1I
µA
Thermal Warning On Threshold
+140
°C
Thermal Warning Threshold
Hysteresis
20
°C
Note 2: Dropout voltage is defined as VIN - VCC, when VCC is 100mV below the value of VCC for VIN = 9.5V.
Note 3: Dropout is defined as VHV - VCLV, when VCLV is 100mV below the value of VCLV for VHV = 8V.
Note 4: Not production tested. Guaranteed by design.


Similar Part No. - MAX16834_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
More results

Similar Description - MAX16834_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
   High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Texas Instruments
TPS92515AHV-Q1 TI1-TPS92515AHV-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET, High-Side Current Sense, and Shunt FET PWM Dimming Capability
TPS92515 TI1-TPS92515 Datasheet
1Mb / 39P
[Old version datasheet]   2-A, Buck LED Driver with Integrated N-channel FET,High-Side Current Sense, and Shunt FET PWM Dimming Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com