Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ610 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAXQ610
Description  16-Bit Microcontroller with Infrared Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ610 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAXQ610_10 Datasheet HTML 5Page - Maxim Integrated Products MAXQ610_10 Datasheet HTML 6Page - Maxim Integrated Products MAXQ610_10 Datasheet HTML 7Page - Maxim Integrated Products MAXQ610_10 Datasheet HTML 8Page - Maxim Integrated Products MAXQ610_10 Datasheet HTML 9Page - Maxim Integrated Products MAXQ610_10 Datasheet HTML 10Page - Maxim Integrated Products MAXQ610_10 Datasheet HTML 11Page - Maxim Integrated Products MAXQ610_10 Datasheet HTML 12Page - Maxim Integrated Products MAXQ610_10 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
16-Bit Microcontroller with Infrared Module
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
32 TQFN
40 TQFN
44 TQFN
NAME
FUNCTION
GENERAL-PURPOSE I/O AND SPECIAL FUNCTION PINS
General-Purpose, Digital, I/O, Type-C Port. These port pins function as
bidirectional I/O pins. All port pins default to high-impedance mode after a reset.
Software must configure these pins after release from reset to remove the high-
impedance input condition. All alternate functions must be enabled from
32 TQFN
40 TQFN
44 TQFN
PORT
SPECIAL FUNCTION
1
1
1
P0.0
IRTXM
2
3
3
P0.1
RX0
3
5
5
P0.2
TX0
4
6
6
P0.3
RX1
5
7
7
P0.4
TX1
6
8
8
P0.5
TBA0/TBA1
7
9
9
P0.6
TBB0
1–8
1, 3, 5–10
1, 3,
5–10
P0.0–
P0.7;
IRTXM,
RX0, TX0,
RX1, TX1,
TBA0/
TBA1,
TBB0/
TBB1
8
10
10
P0.7
TBB1
General-Purpose, Digital, I/O, Type-D Port; External Edge-Selectable Interrupt.
These port pins function as bidirectional I/O pins or as interrupts. All port pins
default to high-impedance mode after a reset. Software must configure these
pins after release from reset to remove the high-impedance input condition. All
interrupt functions must be enabled from software.
32 TQFN
40 TQFN
44 TQFN
PORT
SPECIAL FUNCTION
9
11
11
P1.0
INT0
10
12
12
P1.1
INT1
11
13
13
P1.2
INT2
12
14
14
P1.3
INT3
16
19
21
P1.4
INT4
17
20
22
P1.5
INT5
20
23
25
P1.6
INT6
9–12, 16,
17, 20, 21
11–14,
19, 20,
23, 24
11–14,
21, 22,
25, 26
P1.0–
P1.7;
INT0–
INT7
21
24
26
P1.7
INT7


Similar Part No. - MAXQ610_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610_11 Datasheet
1Mb / 29P
   16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Rev 6; 7/11
More results

Similar Description - MAXQ610_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ61H MAXIM-MAXQ61H_12 Datasheet
255Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 3; 3/12
MAXQ618 MAXIM-MAXQ618 Datasheet
1Mb / 26P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
   16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610_11 Datasheet
1Mb / 29P
   16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Rev 6; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com