Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16838AUP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16838AUP
Description  Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16838AUP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16838AUP Datasheet HTML 1Page - Maxim Integrated Products MAX16838AUP Datasheet HTML 2Page - Maxim Integrated Products MAX16838AUP Datasheet HTML 3Page - Maxim Integrated Products MAX16838AUP Datasheet HTML 4Page - Maxim Integrated Products MAX16838AUP Datasheet HTML 5Page - Maxim Integrated Products MAX16838AUP Datasheet HTML 6Page - Maxim Integrated Products MAX16838AUP Datasheet HTML 7Page - Maxim Integrated Products MAX16838AUP Datasheet HTML 8Page - Maxim Integrated Products MAX16838AUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Integrated, 2-Channel, High-Brightness LED Driver
with High-Voltage Boost and SEPIC Controller
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 12V, RRT = 12.2kI, RISET = 15kI, CVCC = 1FF, VCC = VDRV = VCFB, DRAIN, COMP, OUT_, FLT = unconnected, VOV
= VCS = VLEDGND = VDIM = VPGND = VSGND = 0V, VGATE = VNDRV, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = 25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Frequency Accuracy
fSW = 200kHz to 2MHz
-7.5
+7.5
%
Synchronization Logic-High
VRT rising
1.8
3.6
V
Synchronization Logic-Low
VRT falling
2.5
V
Logic-Level Before SYNC
Capacitor
3.1
3.8
V
Synchronization Pulse Width
50
ns
SYNC Frequency Range
fSYNC
1.1 x
fSW
1.5 x
fSW
Hz
PWM COMPARATOR
Leading-Edge Blanking
66
ns
Propagation Delay to NDRV
Including leading-edge blanking time
100
ns
SLOPE COMPENSATION
Slope Compensation Peak
Voltage per Cycle
Voltage ramp added to CS
0.12
V
CS LIMIT COMPARATOR
CS Threshold Voltage
VCS_MAX VCOMP = 3V
285
300
315
mV
CS Limit Comparator Propagation
Delay to NDRV
10mV overdrive (including leading-edge
blanking time)
100
ns
CS Input Current
ICS
0 P VCS P 0.35V
-1.3
+0.5
F
A
ERROR AMPLIFIER
OUT_ Regulation Voltage
VDIM = 5V
0.9
1
1.1
V
Transconductance
Gm
340
600
880
F
S
No-Load Gain
A
(Note 4)
50
dB
COMP Sink Current
ISINK
VDIM = VOUT_ = 5V, VCOMP = 3V
400
800
F
A
COMP Source Current
ISOURCE
VDIM = 5V, VOUT_ = VCOMP = 0V
400
800
F
A
MOSFET DRIVER
NDRV On-Resistance
ISINK = 100mA, VIN > 5.5V
1.5
4
I
ISOURCE = 100mA, VIN > 5.5V
1.5
4
I
Peak Sink Current
VNDRV = 5V
0.8
A
Peak Source Current
VNDRV = 0V
0.8
A
POWER MOSFET
Power Switch On-Resistance
ISWITCH = 0.5A, VGS = 5V
0.15
0.35
I
Switch Leakage Current
VDRAIN = 40V, VGATE = 0V
0.003
1.2
F
A
Switch Gate Charge
VDRAIN = 40V, VGS = 4.5V
3.1
nC


Similar Part No. - MAX16838AUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16838AUP MAXIM-MAX16838AUP Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838AUP++ MAXIM-MAX16838AUP+ Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16838AUP++ MAXIM-MAX16838AUP+ Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838AUP/V++ MAXIM-MAX16838AUP/V+ Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16838AUP/V++ MAXIM-MAX16838AUP/V+ Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
More results

Similar Description - MAX16838AUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com