Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16838AUPV+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16838AUPV+
Description  Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16838AUPV+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16838AUPV+ Datasheet HTML 1Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 2Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 3Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 4Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 5Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 6Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 7Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 8Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Integrated, 2-Channel, High-Brightness LED Driver
with High-Voltage Boost and SEPIC Controller
_______________________________________________________________________________________ 5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 12V, RRT = 12.2kI, RISET = 15kI, CVCC = 1FF, VCC = VDRV = VCFB, DRAIN, COMP, OUT_, FLT = unconnected, VOV
= VCS = VLEDGND = VDIM = VPGND = VSGND = 0V, VGATE = VNDRV, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = 25NC.) (Note 2)
Note 2: All devices are 100% tested at TA = +125NC. Limits over temperature are guaranteed by design, not production tested.
Note 3: The shutdown current does not include currents in the OV and CFB resistive dividers.
Note 4: Gain = DVCOMP/DVCS, 0.05V < VCS < 0.15V.
Typical Operating Characteristics
(VIN = VEN = 12V, RRT = 12.2kI, RISET = 15kI, CVCC = 1FF, VCC = VDRV = VCFB, VDRAIN = VCOMP = VOUT_, FLT = unconnected,
VOV = VCS = VLEDGND = VDIM = VPGND = VSGND = 0V, VGATE = VNDRV, TA = +25NC, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FLT LOGIC
Output-Voltage Low
VOL
VIN = 4.75V and ISINK = 5mA
0.4
V
Output Leakage Current
VFILT = 5.5V
-300
+300
nA
OVERVOLTAGE PROTECTION
OV Trip Threshold
VOV rising
1.19
1.23
1.265
V
OV Hysteresis
70
mV
OV Input Bias Current
0 P VOV P 1.3V
-100
+100
nA
THERMAL SHUTDOWN
Thermal Shutdown
165
oC
Thermal Shutdown Hysteresis
15
oC
IIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
36
32
28
24
20
16
12
8
2.5
3.0
3.5
4.0
4.5
5.0
2.0
4
40
TA = +125°C
TA = +25°C
TA = -40°C
VIN = 12V
SWITCHING WAVEFORM AT 200Hz
(50% DUTY CYCLE)
MAX16838 toc01
10V/div
VLX
ILED
VOUT
100mA/div
20V/div
0V
0V
0A
1ms/div


Similar Part No. - MAX16838AUPV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16838AUP MAXIM-MAX16838AUP Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838AUP++ MAXIM-MAX16838AUP+ Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16838AUP++ MAXIM-MAX16838AUP+ Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838AUP/V++ MAXIM-MAX16838AUP/V+ Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16838AUP/V++ MAXIM-MAX16838AUP/V+ Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
More results

Similar Description - MAX16838AUPV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com