Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16838AUPV+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16838AUPV+
Description  Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16838AUPV+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16838AUPV+ Datasheet HTML 2Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 3Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 4Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 5Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 6Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 7Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 8Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 9Page - Maxim Integrated Products MAX16838AUPV+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Integrated, 2-Channel, High-Brightness LED Driver
with High-Voltage Boost and SEPIC Controller
6 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = VEN = 12V, RRT = 12.2kI, RISET = 15kI, CVCC = 1FF, VCC = VDRV = VCFB, VDRAIN = VCOMP = VOUT_, FLT = unconnected,
VOV = VCS = VLEDGND = VDIM = VPGND = VSGND = 0V, VGATE = VNDRV, TA = +25NC, unless otherwise noted.)
IIN vs. FREQUENCY
FREQUENCY (MHz)
2.0
1.8
1.4 1.6
0.6 0.8 1.0 1.2
0.4
1
2
3
4
5
6
7
8
9
10
0
0.2
2.2
VIN = 12V
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5 20 35 50
-25
351
352
353
354
355
356
357
358
359
360
350
-40
125
VIN = 12V
VISET vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
1.216
1.217
1.218
1.219
1.220
1.221
1.222
1.223
1.215
-40
125
VIN = 12V
VDIM = 0V
VISET vs. ILED
ILED (mA)
140
120
100
80
60
40
1.229
1.229
1.230
1.230
1.230
1.229
20
160
VIN = 12V
VEN_TH vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
1.15
1.20
1.25
1.30
1.10
-40
125
VEN RISING
VEN FALLING
EN LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
50
100
150
200
250
300
0
-40
125
VEN = 40V
VEN = 12V


Similar Part No. - MAX16838AUPV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16838AUP MAXIM-MAX16838AUP Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838AUP++ MAXIM-MAX16838AUP+ Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16838AUP++ MAXIM-MAX16838AUP+ Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838AUP/V++ MAXIM-MAX16838AUP/V+ Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16838AUP/V++ MAXIM-MAX16838AUP/V+ Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
More results

Similar Description - MAX16838AUPV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com