Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1866 Datasheet(PDF) 1 Page - Rohm

Part # 2SD1866
Description  Medium Power Transistor (Motor, Relay drive) (60짹10V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1866 Datasheet(HTML) 1 Page - Rohm

  2SD1866 Datasheet HTML 1Page - Rohm 2SD1866 Datasheet HTML 2Page - Rohm 2SD1866 Datasheet HTML 3Page - Rohm 2SD1866 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.11 - Rev.B
Medium Power Transistor
(Motor, Relay drive) (60
±10V, 2A)
2SD2143 / 2SD1866
Features
Dimensions (Unit : mm)
1) Built-in zener diode between collector and base.
2) Strong protection against reverse surges due to "L"
loads.
3) Built-in resistor between base and emitter.
4) Built-in damper diode.
Absolute maximum ratings (Ta=25
°C)
∗1 Single pulse Pw=100ms
∗2 Printed circuit board 1.7mm thick, collector plating 1cm2 or larger.
Junction temperature
Collector power
dissipation
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
60
±10
60
±10
6
2
10
∗1
∗2
150
−55 to +150
Unit
V
V
V
A (DC)
3
A (Pulse)
1
1
W
W
W (Tc
=25°C)
°C
°C
2SD2143
2SD1866
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Storage temperature
Packaging specifications and hFE
Type
2SD2143
CPT3
1k to 10k
TL
2500
2SD1866
ATV
1k to 10k
TV2
2500
−−
Basic ordering unit (pieces)
Package
hFE
Code
Marking
Inner circuit
R2
R1
E :
B :
C :
C
B
E
Emitter
Base
Collector
R1
3.5k
R2
300
Electrical characteristics (Ta=25
°C)
∗ Measured using pulse current.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Output capacitance
Transition frequency
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
ICBO
IEBO
VCE(sat)
hFE
Cob
50
50
1000
−−
25
80
70
70
1.0
3
1.5
10000
V
V
µA
mA
V
pF
IC
=50µA
IC
=5mA
VCB
=40V
VEB
=5V
IC/IB
=1A/1mA
VCE
=2V, IC=1A
VCE
=5V, IE= −0.1A, f=30MHz
VCB
=10V, IE=0A, f=1MHz
fT
MHz
2SD2143
(3) Emitter(Source)
(2) Collector(Drain)
(1) Base(Gate)
ROHM : CPT3
EIAJ : SC-63
9.5
2.5
0.8Min.
1.5
C0.5
0.9
1.5
5.5
2SD1866
(2) Collector
(1) Emitter
ROHM : ATV
Taping specifications
(3) Base
0.45
1.05
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5


Similar Part No. - 2SD1866

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1866 ROHM-2SD1866 Datasheet
89Kb / 4P
   Medium Power Transistor(Motor, Relay drive) (60짹10V, 2A)
logo
Littelfuse
2SD1866TV2 LITTELFUSE-2SD1866TV2 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60??0V, 2A)
logo
Renesas Technology Corp
2SD1866TV2 RENESAS-2SD1866TV2 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60??0V, 2A)
More results

Similar Description - 2SD1866

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2212 ROHM-2SD2212 Datasheet
89Kb / 4P
   Medium Power Transistor(Motor, Relay drive) (60짹10V, 2A)
2SD2170 ROHM-2SD2170 Datasheet
67Kb / 3P
   Medium Power Transistor(Motor, Relay drive) (90 , 2A)
2SD2212T100 ROHM-2SD2212T100 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60V,10V, 2A)
logo
Renesas Technology Corp
2SD1866TV2 RENESAS-2SD1866TV2 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60??0V, 2A)
logo
Littelfuse
2SD1866TV2 LITTELFUSE-2SD1866TV2 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60??0V, 2A)
logo
Rohm
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
   Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
   Medium Power Transistor ( 60V, 2A)
2SD2391T100Q ROHM-2SD2391T100Q Datasheet
105Kb / 3P
   Medium Power Transistor (60V, 2A)
2SD1766 ROHM-2SD1766 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 2A)
2SB1188 ROHM-2SB1188_V01 Datasheet
134Kb / 4P
   Medium power Transistor(32V,2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com