Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1259 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1259
Description  Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1259 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1259 Datasheet HTML 2Page - Texas Instruments ADS1259 Datasheet HTML 3Page - Texas Instruments ADS1259 Datasheet HTML 4Page - Texas Instruments ADS1259 Datasheet HTML 5Page - Texas Instruments ADS1259 Datasheet HTML 6Page - Texas Instruments ADS1259 Datasheet HTML 7Page - Texas Instruments ADS1259 Datasheet HTML 8Page - Texas Instruments ADS1259 Datasheet HTML 9Page - Texas Instruments ADS1259 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
SCLK
CS
DIN
DOUT
t
SCLK
t
CSSC
t
DIHD
t
CSH
t
CSDOD
t
DIST
t
SPWH
t
SPWL
t
CSDOZ
t
DOHD
t
DOPD
B7
B6
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4
B3
B2
B1
B0
ADS1259
SBAS424C – JUNE 2009 – REVISED MARCH 2010
www.ti.com
SPI TIMING CHARACTERISTICS
Figure 1. Serial Interface Timing
TIMING REQUIREMENTS: SERIAL INTERFACE TIMING
At TA = –40°C to +105°C and DVDD = 2.7V to 5.25V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tCSSC
CS low to first SCLK: setup time(1)
50
ns
tSCLK
SCLK period
1.8
tCLK
(2)
tSPWH
SCLK pulse width: high
90
ns
90
ns
tSPWL
SCLK pulse width: low(3)
216
tCLK
tDIST
Valid DIN to SCLK falling edge: setup time
35
ns
tDIHD
Valid DIN to SCLK falling edge: hold time
20
ns
tDOPD
SCLK rising edge to valid new DOUT: propagation delay(4)
60
ns
tDOHD
SCLK rising edge to DOUT invalid: hold time
0
ns
tCSDOD
CS low to DOUT driven: propagation delay(4)
0
40
ns
tCSDOZ
CS high to DOUT Hi-Z: propagation delay
20
ns
tCSH
CS high pulse
20
tCLK
(1)
CS can be tied low.
(2)
tCLK = 1/fCLK.
(3)
Holding SCLK low longer than 216 × tCLK cycles resets the SPI interface (enabled by SPI register bit).
(4)
DOUT load = 20pF || 100k
Ω to DGND.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1259


Similar Part No. - ADS1259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI1-ADS1259 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
ADS1259BIPW TI1-ADS1259BIPW Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259BIPWR TI1-ADS1259BIPWR Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Similar Description - ADS1259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com