Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1259 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1259
Description  Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1259 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1259 Datasheet HTML 1Page - Texas Instruments ADS1259 Datasheet HTML 2Page - Texas Instruments ADS1259 Datasheet HTML 3Page - Texas Instruments ADS1259 Datasheet HTML 4Page - Texas Instruments ADS1259 Datasheet HTML 5Page - Texas Instruments ADS1259 Datasheet HTML 6Page - Texas Instruments ADS1259 Datasheet HTML 7Page - Texas Instruments ADS1259 Datasheet HTML 8Page - Texas Instruments ADS1259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Programmable
DigitalFilter
2.5V
Reference
DS
Modulator
VREFP
VREFN REFOUT
AVDD
DVDD
DGND
AVSS
AINP
AINN
XTAL2
XTAL1/CLKIN
Control
and
Serial
Interface
Clock
Generator
Out-of-Range
Detection
RESETPWDN
/
DRDY
SCLK
DIN
START
CS
DOUT
Calibration
Engine
f
/8
CLK
SYNCOUT
ADS1259
ADS1259
www.ti.com
SBAS424C – JUNE 2009 – REVISED MARCH 2010
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter
with Low-Drift Reference
Check for Samples: ADS1259
1
FEATURES
DESCRIPTION
23
24 Bits, No Missing Codes
The ADS1259 is a high-linearity, low-drift, 24-bit,
analog-to-digital converter (ADC) designed for the
Output Data Rates From 10 To 14kSPS
needs
of
industrial
process
control,
precision
High Performance:
instrumentation, and other exacting applications.
INL: 0.4ppm
Combined with a signal amplifier (such as the
Reference Drift: 2ppm/°C
PGA280),
a
high-resolution,
high-accuracy
measurement system is formed that is capable of
Gain Drift: 0.5ppm/°C
digitizing a wide range of signals.
Offset Drift: 0.05mV/°C
The converter uses a fourth-order, inherently stable,
Noise: 0.7mVRMS at 60SPS
delta-sigma (
ΔΣ) modulator that provides outstanding
Simultaneous 50/60Hz Rejection at 10SPS
noise and linearity performance. The data rates are
Single-Cycle Settling
programmable
up
to
14kSPS
including
10SPS,
50SPS, and 60SPS that provide excellent normal
Internal Oscillator
mode line-cycle rejection. The digital filter can be
Out-of-Range Detection
programmed for a fast settling mode where the
Readback Data Integrity by Checksum and
conversions settle in a single cycle, or programmed
for a high line-cycle rejection mode. A fast responding
Redundant Data Read Capability
input over-range detector flags the conversion data if
SPI™-Compatible Interface
an input over-range should occur.
Analog Supply: +5V or ±2.5V
The ADS1259 also provides an integrated low-noise,
Digital Supply: +2.7V to +5V
very low drift 2.5V reference. The on-chip oscillator,
Low Power: 13mW
an external crystal, or an external clock can by used
as the ADC clock source.
APPLICATIONS
Data and control communication are handled over a
Industrial Process Control
4MHz, SPI-compatible interface capable of operating
Scientific Instrumentation
with a minimum of three wires. Data integrity is
Test and Measurement
augmented by data bytes checksum and redundant
data read capability. Conversions are synchronized
either by command or by pin.
Dissipating only 13mW in operation, the ADS1259
can be powered down, dissipating less than 25mW.
The ADS1259 is offered in a TSSOP-20 package and
is fully specified from –40°C to +105°C.
RELATED PRODUCTS
FEATURES
PRODUCT
24-bit ADC with integrated PGA
ADS1256
Wide-range PGA
PGA280
High-precision PGA; G = 1, 10, 100, 1000
PGA204
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI1-ADS1259 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
ADS1259BIPW TI1-ADS1259BIPW Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259BIPWR TI1-ADS1259BIPWR Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Similar Description - ADS1259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com