Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2444K Datasheet(PDF) 2 Page - Rohm

Part # 2SD2444K
Description  Power Transistor (15V, 1A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2444K Datasheet(HTML) 2 Page - Rohm

  2SD2444K Datasheet HTML 1Page - Rohm 2SD2444K Datasheet HTML 2Page - Rohm 2SD2444K Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2444K
Transistors
Rev.A
2/2
Electrical characteristic curves
AMBIENT TEMPERATURE : Ta
(
°C)
Fig.1 Grounded emitter output
characteristics
0
25
50
75
100
125
150
0
25
50
75
100
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Grounded emitter propagation
characteristics
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
1m
2m
5m
10m
20m
200m
100m
50m
500m
1
25
°C
−40
°C
Ta=125
°C
Ta=25
°C
VCE=2V
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3 Grounded emitter output
characteristics
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IB=1mA
Ta=25
°C
10mA
9mA
8mA
7mA
2mA
3mA
4mA
5mA
6mA
COLLECTOR CURRENT : lC
(A)
1m
2m
5m
10m 20m
50m 100m 200m
500m 1
1000
500
200
100
50
20
Ta
=25
°C
Fig.4 DC current gain vs.
collector current ( )
VCE
=5V
2V
1V
COLLECTOR CURRENT : lC
(A)
1m
2m
5m
10m 20m
50m 100m 200m
500m 1
1000
500
200
100
50
20
VCE
=2V
Fig.5 DC collector gain vs.
collector current (
)
Ta=125
°C
25
°C
−40°C
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter saturation voltage
vs. collector current ( )
1m
2m
5m 10m 20m
50m 100m 200m 500m 1
20m
50m
100m
200m
500m
1
10m
5m
2m
1m
Ta
=25
°C
lC/lB=50
20
10
COLLECTOR CURRENT : IC
(A)
Fig.7 Collector-emitter saturation voltage
vs. collector current ( )
1m
2m
5m 10m 20m
50m 100m 200m 500m 1
20m
50m
100m
200m
500m
1
10m
5m
2m
1m
lC/lB=20
Ta=125
°C
25
°C
−40°C
EMITTER CURRENT : lE
(A)
Fig.8 Transition frequency vs.
emitter current
10
20
50
100
200
500
1000
10m
20m
50m
100m
200m
500m
1
Ta
=25
°C
f
=100MHz
VCE
=2V
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.9 Collector output capacitance vs.
collector-base voltage
0.1
0.2
0.5
1
2
5
10
20
50
100
20
50
100
200
500
1000
10
5
2
1
Ta
=25
°C
f=1MHz
lE=0A


Similar Part No. - 2SD2444K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
   Power Transistor (15V, 1A)
logo
Guangdong Kexin Industr...
2SD2444K KEXIN-2SD2444K Datasheet
35Kb / 1P
   Power Transistor
More results

Similar Description - 2SD2444K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1590K ROHM-2SB1590K Datasheet
71Kb / 3P
   Power Transistor (-15V, -1A)
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
   Power Transistor (15V, 1A)
2SD1468S ROHM-2SD1468S Datasheet
73Kb / 4P
   Muting Transistor (15V, 1A)
2SD1468S ROHM-2SD1468S_09 Datasheet
164Kb / 4P
   Muting Transistor (15V, 1A)
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
   15V, 1A Rectifier
SBS804 SANYO-SBS804 Datasheet
25Kb / 3P
   15V, 1A Rectifier
logo
Rohm
2SD1757KT146Q ROHM-2SD1757KT146Q Datasheet
67Kb / 4P
   Power Transistor (15V, 0.5A)
2SD1757K ROHM-2SD1757K Datasheet
76Kb / 4P
   Power Transistor (15V, 0.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com