Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA280 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PGA280
Description  Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA280 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PGA280 Datasheet HTML 3Page - Texas Instruments PGA280 Datasheet HTML 4Page - Texas Instruments PGA280 Datasheet HTML 5Page - Texas Instruments PGA280 Datasheet HTML 6Page - Texas Instruments PGA280 Datasheet HTML 7Page - Texas Instruments PGA280 Datasheet HTML 8Page - Texas Instruments PGA280 Datasheet HTML 9Page - Texas Instruments PGA280 Datasheet HTML 10Page - Texas Instruments PGA280 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
200
180
160
140
120
100
80
60
40
20
0
Reading( V)
m
DataRate=10SPS
ShortedInput
512Samples
160
140
120
100
80
60
40
20
0
Reading( V)
m
DataRate=60SPS
ShortedInput
512Samples
1600
1400
1200
1000
800
600
400
200
0
Reading( V)
m
DataRate=14.4kSPS
ShortedInput
4096Samples
2800
2400
2000
1600
1200
800
400
0
Reading( V)
m
DataRate=400SPS
ShortedInput
4096Samples
25
24
23
22
21
20
19
Temperature( C)
°
125
DataRate=10SPS
-
55
-
35
-
15
5
25
45
65
85
105
DataRate=60SPS
DataRate=14.4kSPS
16
14
12
10
8
6
4
2
0
ENOB(rms)
DataRate=60SPS
30Units
ADS1259
www.ti.com
SBAS424C – JUNE 2009 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = 3.3V, VREF = 2.5V, VREFN = AVSS, fCLK = 7.3728MHz, and
fDATA = 60SPS, unless otherwise noted.
NOISE DISTRIBUTION HISTOGRAM
NOISE DISTRIBUTION HISTOGRAM
Figure 2.
Figure 3.
NOISE DISTRIBUTION HISTOGRAM
NOISE DISTRIBUTION HISTOGRAM
Figure 4.
Figure 5.
EFFECTIVE NUMBER OF BITS vs TEMPERATURE
EFFECTIVE NUMBER OF BITS HISTOGRAM
Figure 6.
Figure 7.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1259


Similar Part No. - PGA280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
PGA280 TI-PGA280 Datasheet
3Mb / 42P
[Old version datasheet]   PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
PGA280 TI-PGA280 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PGA280 TI-PGA280 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results

Similar Description - PGA280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com