Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2662 Datasheet(PDF) 2 Page - Rohm

Part # 2SD2662
Description  Low frequency amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2662 Datasheet(HTML) 2 Page - Rohm

  2SD2662 Datasheet HTML 1Page - Rohm 2SD2662 Datasheet HTML 2Page - Rohm 2SD2662 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2662
Transistors
Rev.B
2/2
Electrical characteristic curves
0
0.5
1
1.5
BASE TO EMITTER CURRENT : VBE (V)
0.001
0.01
1
0.1
VCE
=2V
Pulsed
Ta
=100°C
Ta
=25°C
Ta
=−40°C
Fig.1 Grounded emitter propagation
characteristics
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
10
1000
100
Ta
=100°C
Ta
=−40°C
Ta
=25°C
VCE
=2V
Pulsed
Fig.2 DC current gain
vs. collector current
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
0.01
0.1
1
Ta
=25°C
Pulsed
IC/IB
=10/1
IC/IB
=20/1
IC/IB
=50/1
Fig.3 Collector-emitter saturation voltage
vs. collector current
0.1
0.01
10
1
0.001
0.01
0.1
10
1
COLLECTOR CURRENT : IC (A)
Ta
=25°C
Ta
=25°C
Ta
=−40°C
Ta
=−40°C
Ta
=100°C
Ta
=100°C
VBE(sat)
VCE(sat)
IC/IB
=20
Pulsed
IC/IB
=20/1
Pulsed
Fig.4 Collector-emitter saturation voltage
base-emitter saturation voltage
vs. collector current
0.01
0.1
1
10
EMITTER CURRENT : IE (A)
10
1000
100
Ta
=25°C
VCE
=2V
f
=100MHz
Fig.5 Gain bandwidth product
vs. emitter current
1
10
100
0.1
1
10
100
1000
f
=1MHz
IC
=0A
Ta
=25
°C
Cib
Cob
Fig.6 Collector output capacitance
vs. collector-base voltage
Emitter input capacitance
vs. emitter-base voltage
EMITTER TO BASE VOLTAGE : VEB(V)
COLLECTOR TO BASE VOLTAGE : VCB(V)
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
1
10
1000
100
Ta
=25°C
VCE
=5V
f
=100MHz
tstg
tdon
tr
tf
Fig.7 Switching time


Similar Part No. - 2SD2662

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2662 ROHM-2SD2662 Datasheet
89Kb / 3P
   Low frequency amplifier
More results

Similar Description - 2SD2662

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA733 FAIRCHILD-KSA733 Datasheet
41Kb / 4P
   Low Frequency Amplifier
logo
Rohm
2SD2657K ROHM-2SD2657K Datasheet
75Kb / 3P
   Low frequency amplifier
2SB1706 ROHM-2SB1706 Datasheet
69Kb / 3P
   LOW FREQUENCY AMPLIFIER
2SB1708 ROHM-2SB1708_1 Datasheet
74Kb / 3P
   Low frequency amplifier
2SD2700 ROHM-2SD2700 Datasheet
89Kb / 3P
   Low frequency amplifier
logo
Usha India Ltd.
2SA539 USHA-2SA539 Datasheet
81Kb / 2P
   LOW FREQUENCY AMPLIFIER
logo
Rohm
US6X3 ROHM-US6X3 Datasheet
67Kb / 3P
   Low frequency amplifier
2SD2653 ROHM-2SD2653_1 Datasheet
96Kb / 3P
   Low frequency amplifier
2SD2700 ROHM-2SD2700_1 Datasheet
97Kb / 3P
   Low frequency amplifier
logo
Littelfuse
2SB1707TL LITTELFUSE-2SB1707TL Datasheet
60Kb / 3P
   Low frequency amplifier
logo
Fairchild Semiconductor
KSA812OMTF FAIRCHILD-KSA812OMTF Datasheet
64Kb / 4P
   Low Frequency Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com