Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1710 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 2SD1710
Description  Silicon Diffused Power Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SD1710 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  2SD1710 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Highvoltage,high-speed switching npn transistors in a
plastic package,pimarily for use in horizontal deflection
circuites of colour television receivers
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
600
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
10
A
P
tot
Total power dissipation
T
mb
25
-
50
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4.0A; IB = 1.0A
-
5.0
V
I
csat
Collector saturation current
f = 16KHz
-
-
A
V
F
Diode forward voltage
I
F = 4.5A
1.6
2.0
V
t
f
Fall time
I
Csat = 4.5A; f = 16KHz
0.5
1.0
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
600
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
10
A
I
B
Base current (DC)
-
-
A
I
BM
Base current peak value
-
-
A
P
tot
Total power dissipation
Tmb
25
-
50
W
T
stg
Storage temperature
-55
150
T
j
Junction temperature
-
150
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
I
CE
Collector cut-off current
V
BE = 0V; VCE = VCESMmax
-
1.0
mA
I
CES
V
BE = 0V; VCE = VCESMmax
-
2.0
mA
T
j = 125
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0A; IC = 100mA
-
V
L = 25mH
V
CEsat
Collector-emitter saturation voltages
I
C = 4.0A; IB = 1.0A
-
5.0
V
V
BEsat
Base-emitter satuation voltage
I
C = 4.0A; IB = 1.0A
-
1.5
V
h
FE
DC current gain
I
C = 0.5A; VCE = 5V
8
V
F
Diode forward voltage
-
-
V
f
T
Transition frequency at f = 5MHz
I
C = 0.1A; VCE = 5V
2
-
MHz
C
c
Collector capacitance at f = 1MHz
V
CB = 10V
80
-
pF
t
s
Switching times(16KHz line deflecton circuit)
I
Csat = 4.5A; Lc=1mH; Cfb = 4nF
-
-
s
t
f
Turn-off storage time Turn-off fall time
IB(end) = 0.8A; IC = 4.5A ; VCC = 105V
0.5
1.0
s
ELECTRICAL CHARACTERISTICS
TO-3PML
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
2SD1710
Silicon Diffused Power Transistor


Similar Part No. - 2SD1710

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1710 ISC-2SD1710 Datasheet
88Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1710 SAVANTIC-2SD1710 Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
2SD1710 SAVANTIC-2SD1710 Datasheet
148Kb / 3P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SD1710A FOSHAN-2SD1710A Datasheet
938Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
logo
Sanyo Semicon Device
2SD1710C SANYO-2SD1710C Datasheet
59Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor 500V / 7A Switching Regulator Applications
More results

Similar Description - 2SD1710

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com