Electronic Components Datasheet Search |
|
MI-26V-IX Datasheet(PDF) 2 Page - Vicor Corporation |
|
MI-26V-IX Datasheet(HTML) 2 Page - Vicor Corporation |
2 / 2 page Configuration Chart Input Voltage Nominal Range Transient 2 = 28V 18 – 50V (1) 60V 5 = 155V 100 – 210V 230V 6 = 270V 125 – 400V (2) 475V 7 = 165V 100 – 310V MI - 2 - Semi-custom driver and booster modules available: Consult factory. (1) 16V operation at 75% load. (2) These units rated at 75% load from 125-150Vin: MI-26Z-xV MI-26Y-xV MI-260-xW 28Vdc input per MIL-STD 704D/E 155Vdc input per DOD-STD-1399A 270Vdc input per MIL-STD-704D/E Product Grade Specifications +0.030 (0,76) -0.000 (0) Product ID this surface FULL R 5 6 7 8 9 4 3 2 1 Pin # 1 2 3 4 5 6* 7* 8* 9 Function +In Gate In Gate Out -In +Out +Sense Trim -Sense -Out * Do not connect on Booster modules Aluminum Base .01 0.040 (1,0) Dia (7) places Solder plate over copper alloy 0.080 (2,0) Dia (2) places Solder plate over copper alloy 0.30 ±0.015 (7,6) ±(0,38) 1.80 (45,7) 4.20 0.50 0.22 (5,6) MIN 0.12 4.60 2.40 1.75 0.30 0.15 (3,8) 2.10 (53,3) 0.40 (10,2) 0.35 ±0.015 (8,9) ±(0,38) 1.40 (35,6) 1.00 (25,4) 0.70 (17,8) 3.60 MI-200 Mechanical Drawing 0.50 (12,7) 0.15 (3,8) MI-200 (116,8) (91,4) (3,0) (7,6)Min (12,7) (61,0) (44,5) (106,7) *Test data available for review or download from vicorpower.com Mechanical Drawing Output Power/Current ≥5V <5V Y = 50W 10A X = 75W 15A W = 100W 20A V= —o 30A For additional power, 100W and 75W booster modules available. Change MI-2xx-xx to MI-Bxx-xx. Product Grade Operating Temp. I = -40°C to +85°C M = -55°C to +85°C PARAMETER PRODUCT GRADE I - Grade M - Grade Storage temperature -55°C to +100°C -65°C to +100°C Operating temperature (baseplate) -40°C to +85°C -55°C to +85°C Power cycling burn-in 12 hours, 25 cycles 96 hours, 200 cycles Temperature cycled with power off 48 hours, 12-16 cycles 48 hours, 12-16 cycles -55°C to +100°C -65°C to +100°C Test data supplied at these temperatures* -40°C, +80°C -55°C, +80°C Warranty 2 years 2 years Environmental compliance MIL-STD-810 MIL-STD-810 Derating NAVMAT P-4855-1A NAVMAT P-4855-1A Output Voltage Z = 2V T = 6.5V N = 18.5V Y = 3.3V R = 7.5V 3 = 24V 0 = 5V M= 10V L = 28V X = 5.2V 1 = 12V J = 36V W= 5.5V P = 13.8V K = 40V V = 5.8V 2 = 15V 4 = 48V MI-200 10/02 2 of 2 |
Similar Part No. - MI-26V-IX |
|
Similar Description - MI-26V-IX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |