Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24155RGYT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # bq24155RGYT
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24155RGYT Datasheet(HTML) 8 Page - Texas Instruments

Back Button bq24155RGYT Datasheet HTML 4Page - Texas Instruments bq24155RGYT Datasheet HTML 5Page - Texas Instruments bq24155RGYT Datasheet HTML 6Page - Texas Instruments bq24155RGYT Datasheet HTML 7Page - Texas Instruments bq24155RGYT Datasheet HTML 8Page - Texas Instruments bq24155RGYT Datasheet HTML 9Page - Texas Instruments bq24155RGYT Datasheet HTML 10Page - Texas Instruments bq24155RGYT Datasheet HTML 11Page - Texas Instruments bq24155RGYT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
VSW
2V/div
I
0.5 A/div
L
2
S/div
m
Vbus=5V,Vbat=3.6VChargemode
operation
V
5V/div
BUS
V
1V/div
BAT
ISEL
5V/div
I
50mA/div
BAT
20mS/div
V
=0-5V,
NoBattery,
C
=100 F,
R
=5k
IN
OUT
LOAD
m
W
ISEL
5V/div
I
0.2 A/div
BUS
0.5S/div
Vbus=5V,Iin_limit=100/500mA,
(ISEL Control,32MinuteMode),
Iin_limit=100mA (I CControl,32SecondMode)
2
32Minute
Mode
32Second
Mode
80
82
84
86
88
90
92
0
100 200 300 400 500 600 700
800 900 1000 1100 1200 1300
ChargeCurrent-mA
Vbat=4V
Vbat=3V
Vbat=3.6V
V
=5V
BUS
bq24155
SLUS942 – FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
BATTERY DETECTION AT POWER UP
CYCLE BY CYCLE CURRENT LIMIT IN CHARGE MODE
Figure 7.
Figure 8.
INPUT CURRENT CONTROL
CHARGER EFFICIENCY
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24155


Similar Part No. - bq24155RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
bq24150AYFFR TI-bq24150AYFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
bq24150AYFFT TI-bq24150AYFFT Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150YFFR TI-BQ24150YFFR Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results

Similar Description - bq24155RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24180 TI-BQ24180 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24180 TI-BQ24180_1 Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com