Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4126IRGZ25 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS4126IRGZ25
Description  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4126IRGZ25 Datasheet(HTML) 4 Page - Texas Instruments

  ADS4126IRGZ25 Datasheet HTML 1Page - Texas Instruments ADS4126IRGZ25 Datasheet HTML 2Page - Texas Instruments ADS4126IRGZ25 Datasheet HTML 3Page - Texas Instruments ADS4126IRGZ25 Datasheet HTML 4Page - Texas Instruments ADS4126IRGZ25 Datasheet HTML 5Page - Texas Instruments ADS4126IRGZ25 Datasheet HTML 6Page - Texas Instruments ADS4126IRGZ25 Datasheet HTML 7Page - Texas Instruments ADS4126IRGZ25 Datasheet HTML 8Page - Texas Instruments ADS4126IRGZ25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
ADS4126, ADS4129
ADS4146, ADS4149
SBAS483C – NOVEMBER 2009 – REVISED MARCH 2010
www.ti.com
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD/BALL
PACKAGE
ORDERING
TRANSPORT
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN(2)
FINISH
MARKING
NUMBER
MEDIA, QUANTITY
ADS4126IRGZR
Tape and reel, 2500
GREEN (RoHS,
ADS4126(3)
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ4126
no Sb/Br)
ADS4126IRGZT
Tape and reel, 250
ADS4129IRGZR
Tape and reel, 2500
GREEN (RoHS,
ADS4129(3)
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ4129
no Sb/Br)
ADS4129IRGZT
Tape and reel, 250
ADS4146IRGZR
Tape and reel, 2500
GREEN (RoHS,
ADS4146(3)
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ4146
no Sb/Br)
ADS4146IRGZT
Tape and reel, 250
ADS4149IRGZR
Tape and reel, 2500
GREEN (RoHS,
ADS4149
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ4149
no Sb/Br)
ADS4149IRGZT
Tape and reel, 250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
(3)
Shaded rows indicate product preview device.
The ADS414x/2x family is pin-compatible to the previous generation ADS6149 family; this architecture enables
easy migration. However, there are some important differences between the generations, summarized in Table 1.
Table 1. MIGRATING FROM THE ADS6149 FAMILY
ADS6149 FAMILY
ADS4149 FAMILY
PINS
Pin 21 is NC (not connected)
Pin 21 is NC (not connected)
Pin 23 is MODE
Pin 23 is RESERVED in the ADS4149 family. It is reserved as a digital control pin for an (as yet)
undefined function in the next-generation ADC series.
SUPPLY
AVDD is 3.3V
AVDD is 1.8V
DRVDD is 1.8V
No change
INPUT COMMON-MODE VOLTAGE
VCM is 1.5V
VCM is 0.95V
SERIAL INTERFACE
Protocol: 8-bit register address and 8-bit register
No change in protocol
data
New serial register map
EXTERNAL REFERENCE MODE
Supported
Not supported
ADS61B49 FAMILY
ADS41B29/B49/ADS58B18 FAMILY
PINS
Pin 21 is NC (not connected)
Pin 21 is 3.3V AVDD_BUF (supply for the analog input buffers)
Pin 23 is a digital control pin for the RESERVED function.
Pin 23 is MODE
Pin 23 functions as SNR Boost enable (B18 only).
SUPPLY
AVDD is 3.3V
AVDD is 1.8V, AVDD_BUF is 3.3V
DRVDD is 1.8V
No change
INPUT COMMON-MODE VOLTAGE
VCM is 1.5V
VCM is 1.7V
SERIAL INTERFACE
Protocol: 8-bit register address and 8-bit register
No change in protocol
data
New serial register map
EXTERNAL REFERENCE MODE
Supported
Not supported
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Similar Part No. - ADS4126IRGZ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4126IRGZ25 TI-ADS4126IRGZ25 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126IRGZ25 TI-ADS4126IRGZ25 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126IRGZ25 TI1-ADS4126IRGZ25 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Similar Description - ADS4126IRGZ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com