Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24180 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24180
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24180 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24180 Datasheet HTML 6Page - Texas Instruments BQ24180 Datasheet HTML 7Page - Texas Instruments BQ24180 Datasheet HTML 8Page - Texas Instruments BQ24180 Datasheet HTML 9Page - Texas Instruments BQ24180 Datasheet HTML 10Page - Texas Instruments BQ24180 Datasheet HTML 11Page - Texas Instruments BQ24180 Datasheet HTML 12Page - Texas Instruments BQ24180 Datasheet HTML 13Page - Texas Instruments BQ24180 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
t-Time-4ms/div
V
VBUS
V
BAT
I
OUT
V
INT/ STAT
5V/div
500mA/div
5V/div
2V/div
“NoBattery” FaultInterrupt
VBAT
IOUT
VINT/ STAT
5V/div
200mA/div
2V/div
t-Time-2s/div
t-Time-4ms/div
VVBUS
VINT/ STAT
20mA/div
1V/div
2V/div
VVBUS <3.8V
"Faulty Adapter"FaultInterrupt
IVBUS
t-Time-4ms/div
V
VBUS
V
BAT
I
OUT
V
INT/ STAT
5V/div
500mA/div
5V/div
2V/div
VVBUS
VINT/ STAT
20mA/div
1V/div
2V/div
t-Time-1s/div
IVBUS
"Faulty Adapter"FaultInterrupt
V
SW
I
L
500mA/div
2V/div
t-Time-2
s/div
m
V
=5V,
V
=3.6V
VBUS
BAT
bq24180
SLUSA02 A – FEBRUARY 2010 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3. Adapter Insertion
Figure 4. Battery Insertion/Removal
Figure 5. PWM Charging Waveforms
Figure 6. Faulty Adapter Detection
Figure 7. Faulty Adapter Detection
Figure 8. Cycle by Cycle Current Limit
(Showing Continuous Detection)
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24180


Similar Part No. - BQ24180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24180 TI-BQ24180 Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24180YFFR TI-BQ24180YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24180YFFT TI-BQ24180YFFT Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24180 TI-BQ24180_1 Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
More results

Similar Description - BQ24180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24180 TI-BQ24180_1 Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com