Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24600 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24600
Description  Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24600 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24600 Datasheet HTML 1Page - Texas Instruments BQ24600 Datasheet HTML 2Page - Texas Instruments BQ24600 Datasheet HTML 3Page - Texas Instruments BQ24600 Datasheet HTML 4Page - Texas Instruments BQ24600 Datasheet HTML 5Page - Texas Instruments BQ24600 Datasheet HTML 6Page - Texas Instruments BQ24600 Datasheet HTML 7Page - Texas Instruments BQ24600 Datasheet HTML 8Page - Texas Instruments BQ24600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
bq24600
www.ti.com
SLUS891 – FEBRUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
5.0V
≤ V(VCC) ≤ 28V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RECHARGE COMPARATOR
Recharge threshold (with respect
VRECHG
Measured on VFB pin
35
50
65
mV
to.VREG)
Recharge rising deglitch
VFB decreasing below VRECHG
10
ms
Recharge falling deglitch
VFB increasing above VRECHG
10
ms
BAT OVER-VOLTAGE COMPARATOR
VOV_RISE
Over-Voltage Rising Threshold
As percentage of VFB
104%
VOV_FALL
Over-Voltage Falling Threshold
As percentage of VFB
102%
INPUT OVER-VOLTAGE COMPARATOR (ACOV)
AC over-voltage rising threshold on
VACOV
31.04
32
32.96
V
VCC
VACOV_HYS
AC over-voltage falling hysteresis
1
V
VACOV_HYS
AC over-voltage rising deglitch
1
ms
AC over-voltage falling deglitch
1
ms
THERMAL SHUTDOWN COMPARATOR
TSHUT
Thermal shutdown rising temperature
Temperature increasing
145
°C
TSHUT_HYS
Thermal shutdown hysteresis
15
°C
Thermal shutdown rising deglitch
Temperature increasing
100
ms
Thermal shutdown falling deglitch
Temperature decreasing
10
ms
THERMISTOR COMPARATOR
VLTF
Cold temperature rising threshold
As percentage to VVREF
72.5%
73.5%
74.5%
VLTF_HYS
Rising hysteresis
As percentage to VVREF
0.2%
0.4%
0.6%
VHTF
Hot temperature rising threshold
As percentage to VVREF
36.2%
37%
37.8%
VTCO
Cut-off temperature rising threshold
As percentage to VVREF
33.7%
34.4%
35.1%
Deglitch time for temperature out of
VTS > VLTF, or VTS < VTCO, or VTS < VHTF
400
ms
range detection
Deglitch time for temperature in valid
VTS < VLTF – VLTF_HYS or VTS >VTCO, or VTS > VHTF
20
ms
range detection
CHARGE OVER-CURRENT COMPARATOR (CYCLE-BY-CYCLE)
Current rising, in non-synchronous mode, mesure on
45.5
mV
V(SRP-SRN), VSRP < 2 V
Charge over-current falling threshold
Current rising, as percentage of V(IREG_CHG), in
160%
synchronous mode, VSRP > 2.2V
VOC
Minimum OCP threshold in synchronous mode, measure
Charge over-current threshold floor
50
mV
on V(SRP-SRN), VSRP > 2.2V
Maximum OCP threshold in synchronous mode, measure
Charge over-current threshold ceiling
180
mV
on V(SRP-SRN), VSRP > 2.2V
CHARGE UNDER-CURRENT COMPARATOR (CYCLE-BY-CYCLE)
VISYNSET
Charge under-current falling threshold
VSRP>2.2V, Switch from CCM to DCM
1
5
9
mV
BATTERY SHORTED COMPARATOR (BATSHORT)
BAT Short falling threshold, forced
VBATSHT
VSRP falling
2
V
non-syn mode
VBATSHT_HYS
BAT short rising hysteresis
200
mV
VBATSHT_DEG
Deglitch on both edge
1
ms
LOW CHARGE CURRENT COMPARATOR
Low charge current (average) falling
VLC
Measure V(SRP-SRN)
1.25
mV
threshold to force into non-sync mode
VLC_HYS
Low charge current rising hysteresis
1.25
mV
VLC_DEG
Deglitch on both edge
1
ms
VREF REGULATOR
VVREF_REG
VREF regulator voltage
VVCC > VUVLO (0 - 35mA load)
3.267
3.3
3.333
V
IVREF_LIM
VREF current limit
VVREF = 0 V, VVCC > VUVLO
35
mA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24600


Similar Part No. - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAR TI-BQ24600RVAR Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAT TI-BQ24600RVAT Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results

Similar Description - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com