Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24620RVAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # bq24620RVAR
Description  Stand-Alone Synchronous Switch-Mode Lithium Phosphate Battery Charger with Low Iq
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24620RVAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button bq24620RVAR Datasheet HTML 7Page - Texas Instruments bq24620RVAR Datasheet HTML 8Page - Texas Instruments bq24620RVAR Datasheet HTML 9Page - Texas Instruments bq24620RVAR Datasheet HTML 10Page - Texas Instruments bq24620RVAR Datasheet HTML 11Page - Texas Instruments bq24620RVAR Datasheet HTML 12Page - Texas Instruments bq24620RVAR Datasheet HTML 13Page - Texas Instruments bq24620RVAR Datasheet HTML 14Page - Texas Instruments bq24620RVAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
bq24620
www.ti.com
SLUS893 – MARCH 2010
PIN FUNCTIONS
PIN
FUNCTION DESCRIPTION
NO.
NAME
1
VCC
IC power positive supply. Connect, through a 10
Ω resistor to the common-source (diode-OR) point: source of
high-side P-channel MOSFET and source of reverse-blocking power P-channel MOSFET. Or connect through a 10
Ω
resistor to the cathode of the input diode. Place a 1-mF ceramic capacitor from VCC to GND pin close to the IC.
2
CE
Charge-enable active-HIGH logic input. HI enables charge. LO disables charge. It has an internal 1M
Ω pull-down
resistor.
3
STAT
Open-drain charge status pin to indicate various charger operation (See Table 3)
4
TS
Temperature qualification voltage input for battery pack negative temperature coefficient thermistor. Program the hot
and cold temperature window with a resistor divider from VREF to TS to GND.
5
PG
Open-drain power-good status output. The transistor turns on when a valid VCC is detected. It is turned off in the
sleep mode. PG can be used to drive a LED or communicate with a host processor. It can be used to drive ACFET
and BATFET.
6
VREF
3.3V regulated voltage output. Place a 1-mF ceramic capacitor from VREF to GND pin close to the IC. This voltage
could be used for programming of voltage and current regulation and for programming the TS threshold.
7
ISET
Charge current set input. The voltage of ISET pin programs the charge current regulation, pre-charge current and
termination current set-point.
8
VFB
Output voltage analog feedback adjustment. Connect the output of a resistive voltage divider from the battery
terminals to this node to adjust the output battery regulation voltage.
9
SRN
Charge current sense resistor, negative input. A 0.1-mF ceramic capacitor is placed from SRN to SRP to provide
differential-mode filtering. An optional 0.1-mF ceramic capacitor is placed from SRN pin to GND for common-mode
filtering.
10
SRP
Charge current sense resistor, positive input. A 0.1-mF ceramic capacitor is placed from SRN to SRP to provide
differential-mode filtering. A 0.1-mF ceramic capacitor is placed from SRP pin to GND for common-mode filtering.
11
GND
Low-current sensitive analog/digital ground. On PCB layout, connect with PowerPad underneath the IC.
12
REGN
PWM low side driver positive 6V supply output. Connect a 1-mF ceramic capacitor from REGN to PGND pin, close to
the IC. Use for low side driver and high-side driver bootstrap voltage by connecting a small signal Schottky diode from
REGN to BTST.
13
LODRV
PWM low side driver output. Connect to the gate of the low-side power MOSFET with a short trace.
14
PH
PWM high side driver negative supply. Connect to the Phase switching node (junction of the low-side power MOSFET
drain, high-side power MOSFET source, and output inductor). Connect the 0.1mF bootstrap capacitor from PH to
BTST.
15
HIDRV
PWM high side driver output. Connect to the gate of the high-side power MOSFET with a short trace.
16
BTST
PWM high side driver negative supply. Connect to the Phase switching node (junction of the low-side power MOSFET
drain, high-side power MOSFET source, and output inductor). Connect the 0.1mF bootstrap capacitor from SW to
BTST
PowerPad
Exposed pad beneath the IC. Always solder PowerPad to the board, and have vias on the PowerPad plane
star-connecting to GND and ground plane for high-current power converter. It also serves as a thermal pad to
dissipate the heat.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24620


Similar Part No. - bq24620RVAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
bq24600RVAR TI-bq24600RVAR Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAR TI-BQ24600RVAR Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
bq24600RVAT TI-bq24600RVAT Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results

Similar Description - bq24620RVAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24630 TI-BQ24630 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Lithium Phosphate Battery Charger with System Power Selector and Low Iq
BQ24630 TI-BQ24630_1 Datasheet
1Mb / 35P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Lithium Phosphate Battery Charger with System Power Selector and Low Iq
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
logo
Maxim Integrated Produc...
MAX1757 MAXIM-MAX1757 Datasheet
218Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
19-1754; Rev 0; 6/00
MAX1758 MAXIM-MAX1758 Datasheet
224Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 28V Switch
19-1752; Rev 1; 1/01
MAX1757 MAXIM-MAX1757_V01 Datasheet
828Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com