Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3253IYZKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3253IYZKR
Description  Ultra Low Power Stereo Audio Codec With Embedded miniDSP
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3253IYZKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC3253IYZKR Datasheet HTML 4Page - Texas Instruments TLV320AIC3253IYZKR Datasheet HTML 5Page - Texas Instruments TLV320AIC3253IYZKR Datasheet HTML 6Page - Texas Instruments TLV320AIC3253IYZKR Datasheet HTML 7Page - Texas Instruments TLV320AIC3253IYZKR Datasheet HTML 8Page - Texas Instruments TLV320AIC3253IYZKR Datasheet HTML 9Page - Texas Instruments TLV320AIC3253IYZKR Datasheet HTML 10Page - Texas Instruments TLV320AIC3253IYZKR Datasheet HTML 11Page - Texas Instruments TLV320AIC3253IYZKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TLV320AIC3253
SLOS631 – MARCH 2010
www.ti.com
Electrical Characteristics, Audio Outputs
At 25°C, AVdd, DVdd, IOVDD = 1.8V, LDO_in = 1.8V, AVdd LDO disabled, fs (Audio) = 48kHz, Cref = 10 mF on REF PIN,
PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio DAC – Stereo Single-Ended Headphone Output
Load = 16
Ω (single-ended), 50pF
Headphone Output on AVdd Supply,
Input & Output CM=0.9V, DOSR = 128,
Device Setup
MCLK=256* fs, Channel Gain=0dB
word length = 16 bits;
Processing Block = PRB_P1
Power Tune = PTM_P3
Full scale output voltage (0dB)
0.5
VRMS
SNR
Signal-to-noise ratio, A-weighted(1) (2)
All zeros fed to DAC input, modulator in
88
100
dB
excited state
DR
Dynamic range, A-weighted (1) (2)
–60dB 1kHz input full-scale signal, Word
99
dB
Length = 20 bits, Power Tune = PTM_P4
THD+N
Total Harmonic Distortion plus Noise
–3dB full-scale, 1-kHz input signal
–80
–70
dB
DAC Gain Error
0dB, 1kHz input full scale signal
±0.1
dB
DAC Mute Attenuation
Mute
127
dB
DAC channel separation
–1dB, 1kHz signal, between left and right HP
92
dB
out
100mVpp, 1kHz signal applied to AVdd
70
dB
DAC PSRR
100mVpp, 217Hz signal applied to AVdd
75
dB
RL=16Ω, Output Stage on AVdd = 1.8V
13
THDN < 1%, Input CM=0.9V,
Output CM=0.9V, Channel Gain=2dB
Power Delivered
mW
RL=16 Ω Output Stage on LDOIN = 3.3V,
47
THDN < 1% Input CM=0.9V,
Output CM=1.65V, Channel Gain=8dB
Audio DAC – Stereo Single-Ended Headphone Output
Load = 16
Ω (single-ended), 50pF,
Headphone Output on AVdd Supply,
Input & Output CM=0.75V; AVdd=1.5V,
Device Setup
DOSR = 128, MCLK=256* fs,
Channel Gain = –2dB, word length=20-bits;
Processing Block = PRB_P1,
Power Tune = PTM_P4
Full scale output voltage (0dB)
0.375
VRMS
SNR
Signal-to-noise ratio, A-weighted(1) (2)
All zeros fed to DAC input, modulator in
99
dB
excited state
DR
Dynamic range, A-weighted (1) (2)
-60dB 1 kHz input full-scale signal
98
dB
THD+N
Total Harmonic Distortion plus Noise
–3dB full-scale, 1-kHz input signal
–84
dB
Audio DAC – Mono Differential Headphone Output
(1)
Ratio of output level with 1-kHz full-scale sine wave input, to the output level with the inputs short circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3253


Similar Part No. - TLV320AIC3253IYZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3253 TI1-TLV320AIC3253 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC3253IYZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_15 Datasheet
1Mb / 53P
[Old version datasheet]   TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com