Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62067DSG Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62067DSG
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62067DSG Datasheet(HTML) 4 Page - Texas Instruments

  TPS62067DSG Datasheet HTML 1Page - Texas Instruments TPS62067DSG Datasheet HTML 2Page - Texas Instruments TPS62067DSG Datasheet HTML 3Page - Texas Instruments TPS62067DSG Datasheet HTML 4Page - Texas Instruments TPS62067DSG Datasheet HTML 5Page - Texas Instruments TPS62067DSG Datasheet HTML 6Page - Texas Instruments TPS62067DSG Datasheet HTML 7Page - Texas Instruments TPS62067DSG Datasheet HTML 8Page - Texas Instruments TPS62067DSG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS62065, TPS62067
SLVS833 – MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6V. External components CIN = 10mF 0603, COUT = 10mF 0603, L = 1.0mH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
fSW
Oscillator frequency
3.0 V
≤ VIN ≤ 6 V
2.6
3
3.4
MHz
OUTPUT
Vref
Reference voltage
600
mV
PWM operation, MODE = VIN ,
VFB(PWM)
Feedback voltage PWM Mode
–1.5
0
1.5
3.0 V
≤ VIN ≤ 6 V, 0 mA load
%
Feedback voltage PFM mode,
device in PFM mode, voltage positioning active(2)
VFB(PFM)
1
Voltage Positioning
Load regulation
-0.5
%/A
VFB
Line regulation
0
%/V
Activated with EN = GND, 3.0V
≤ VIN≤ 6V, 0.8 ≤
75
200
1450
R(Discharge)
Internal discharge resistor
Ω
VOUT≤ 3.6V
tSTART
Start-up time
Time from active EN to reach 95% of VOUT
500
ms
(2)
In PFM mode, the internal reference voltage is set to typ. 1.01×Vref. See the parameter measurement information.
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
SON 2x2-8
PGND
1
PWR
GND supply pin for the output stage.
This is the switch pin and is connected to the internal MOSFET switches. Connect the
SW
2
OUT
external inductor between this terminal and the output capacitor.
AGND
3
IN
Analog GND supply pin for the control circuit.
Feedback pin for the internal regulation loop. Connect the external resistor divider to this pin.
FB
4
IN
In case of fixed output voltage option, connect this pin directly to the output capacitor
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown
EN
5
IN
mode. Pulling this pin to high enables the device. This pin must be terminated
MODE: MODE pin = high forces the device to operate in fixed frequency PWM mode. MODE
MODE
IN
pin = low enables the Power Save Mode with automatic transition from PFM mode to fixed
frequency PWM mode.
6
Open
PG: Power Good Open Drain output. Connect an external pull up resistor to a rail which is
PG
Drain
below or equal AVIN.
Analog VIN power supply for the control circuit. Need to be connected to PVIN and input
AVIN
7
IN
capacitor.
PVIN
8
PWR
VIN power supply pin for the output stage.
For good thermal performance, this PAD must be soldered to the land pattern on the pcb.
Power PAD
This PAD should be used as device GND.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62065 TPS62067


Similar Part No. - TPS62067DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62067DSG TI-TPS62067DSG Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62067DSGR TI-TPS62067DSGR Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62067DSGT TI-TPS62067DSGT Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results

Similar Description - TPS62067DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com