Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62067DSG Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62067DSG
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62067DSG Datasheet(HTML) 1 Page - Texas Instruments

  TPS62067DSG Datasheet HTML 1Page - Texas Instruments TPS62067DSG Datasheet HTML 2Page - Texas Instruments TPS62067DSG Datasheet HTML 3Page - Texas Instruments TPS62067DSG Datasheet HTML 4Page - Texas Instruments TPS62067DSG Datasheet HTML 5Page - Texas Instruments TPS62067DSG Datasheet HTML 6Page - Texas Instruments TPS62067DSG Datasheet HTML 7Page - Texas Instruments TPS62067DSG Datasheet HTML 8Page - Texas Instruments TPS62067DSG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
L
1.0 H
m
C
10 F
OUT
m
V
=3Vto6V
IN
C
22pF
ff
R
100k
PG
W
R
180k
2
W
R
360k
1
W
C
10
IN
mF
PVIN
PGND
EN
FB
TPS62067
PG
SW
AVIN
AGND
V
1.8V2 A
OUT
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I -LoadCurrent- A
L
V
=4.2V
IN
V
=5V
IN
V
=3.7V
IN
L =1.2 H(NRG4026T1R2),
C
=22 F(0603size),
V
=3.3V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
TYPICAL APPLICATIONCIRCUIT
TPS62065, TPS62067
www.ti.com
SLVS833 – MARCH 2010
3-MHz 2A Step Down Converter in 2x2 SON Package
Check for Samples: TPS62065, TPS62067
1
FEATURES
DESCRIPTION
2
3 MHz Switching Frequency
VIN Range from 3.0V to 6V
The
TPS6206x
is
a
family
of
highly
efficient
synchronous step down DC-DC converters. They
Up to 97% Efficiency
provide up to 2.0A output current.
Power Save Mode / 3MHz Fixed PWM Mode
With an input voltage range of 3.0V to 6V the device
Power Good Output
is a perfect fit for power conversion from a 5V or 3.3V
Output Voltage Accuracy in PWM Mode ±1.5%
system supply rail. The TPS6206x operates at 3MHz
Output Capacitor Discharge Function
fixed frequency and enters Power Save Mode
operation at light load currents to maintain high
Typical 18 µA Quiescent Current
efficiency over the entire load current range. The
100% Duty Cycle for Lowest Dropout
Power Save Mode is optimized for low output voltage
Voltage Positioning
ripple. For low noise applications, TPS62065 can be
forced into fixed frequency PWM mode by pulling the
Clock Dithering
MODE pin high. TPS62067 provides an open drain
Supports Maximum 1mm Height Solutions
power good output.
Available in a 2x2x0.75mm SON
In the shutdown mode, the current consumption is
reduced to less than 1µA and an internal circuit
APPLICATIONS
discharges the output capacitor.
POL
TPS6206x family is optimized for operation with a tiny
Notebooks, Pocket PCs
1.0µH inductor and a small 10µF output capacitor to
Portable Media Players
achieve smallest solution size and high regulation
DSP Supply
performance.
The TPS6206X is available in a small 2x2x0.75mm
8-pin SON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62067DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62067DSG TI-TPS62067DSG Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62067DSGR TI-TPS62067DSGR Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62067DSGT TI-TPS62067DSGT Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results

Similar Description - TPS62067DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com