Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106M Datasheet(PDF) 10 Page - Texas Instruments

Part # GRM188R60J106M
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GRM188R60J106M Datasheet(HTML) 10 Page - Texas Instruments

Back Button GRM188R60J106M Datasheet HTML 6Page - Texas Instruments GRM188R60J106M Datasheet HTML 7Page - Texas Instruments GRM188R60J106M Datasheet HTML 8Page - Texas Instruments GRM188R60J106M Datasheet HTML 9Page - Texas Instruments GRM188R60J106M Datasheet HTML 10Page - Texas Instruments GRM188R60J106M Datasheet HTML 11Page - Texas Instruments GRM188R60J106M Datasheet HTML 12Page - Texas Instruments GRM188R60J106M Datasheet HTML 13Page - Texas Instruments GRM188R60J106M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TimeBase-100ns/Div
I
500mA/Div
COIL
SW2V/Div
V
50mV/Div
OUT
V
=3.6V
V
=1.8V
I
=500mA
IN
OUT
OUT
MODE=GND
L =1.2
H
C
=10
F
m
m
OUT
TimeBase-4ms/Div
I
200mA/Div
COIL
SW2V/Div
V
50mV/Div
OUT
V
=3.6V
V
=1.8V
I
=20mA
IN
OUT
OUT
MODE=GND
L =1.2
H
C
=10
F
m
m
OUT
TimeBase-10 µs/Div
I
500mA/Div
LOAD
I
1A/Div
COIL
SW2V/Div
V
100mV/Div
OUT
V
=3.6V,
V
=1.2V,
I
=0.2 A to1 A
MODE=V
IN
OUT
OUT
IN
TimeBase-10 µs/Div
I
500mA/Div
LOAD
I
1A/Div
COIL
SW2V/Div
V
100mV/Div
OUT
V
=3.6V,
V
=1.2V,
I
=20mA to250mA
IN
OUT
OUT
TPS62065, TPS62067
SLVS833 – MARCH 2010
www.ti.com
Figure 13. Typical Operation (PWM Mode)
Figure 14. Typical Operation (PFM Mode)
Figure 15. Load Transient Response
Figure 16. Load Transient
PWM Mode 0.2A To 1A
PFM Mode 20 mA to 250mA
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62065 TPS62067


Similar Part No. - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
logo
Texas Instruments
GRM188R60J106M TI1-GRM188R60J106M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com