Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62067DSGR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62067DSGR
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62067DSGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62067DSGR Datasheet HTML 4Page - Texas Instruments TPS62067DSGR Datasheet HTML 5Page - Texas Instruments TPS62067DSGR Datasheet HTML 6Page - Texas Instruments TPS62067DSGR Datasheet HTML 7Page - Texas Instruments TPS62067DSGR Datasheet HTML 8Page - Texas Instruments TPS62067DSGR Datasheet HTML 9Page - Texas Instruments TPS62067DSGR Datasheet HTML 10Page - Texas Instruments TPS62067DSGR Datasheet HTML 11Page - Texas Instruments TPS62067DSGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
1.710
1.728
1.746
1.764
1.782
1.800
1.818
1.836
1.854
1.872
1.890
0.001
0.01
0.1
1
10
I -LoadCurrent- A
L
L =1 H,
C
=10 F,
V
=1.8V,
Mode:ForcedPWM
m
m
OUT
OUT
V
=4.2V
IN
V
=5V
IN
V
=3.6V
IN
V
=3.3V
IN
VoltagePositioningPFMMode
PWMMode
0.001
0.01
0.1
1
10
I -LoadCurrent- A
L
L =1 H,
C
=10 F,
V
=1.8V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
V
=4.2V
IN
V
=5V
IN
V
=3.6V
IN
V
=3.3V
IN
1.710
1.728
1.746
1.764
1.782
1.800
1.818
1.836
1.854
1.872
1.890
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
A
T =25°C
A
T =-40°C
A
0
0.25
0.50
0.75
1
0
5
10
15
20
25
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
A
T =25°C
A
T =-40°C
A
TPS62065, TPS62067
SLVS833 – MARCH 2010
www.ti.com
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 5. Auto PFM/PWM Mode
Figure 6. Forced PWM Mode
SHUTDOWN CURRENT
QUIESCENT CURRENT
vs
vs
INPUT VOLTAGE AND AMBIENT TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62065 TPS62067


Similar Part No. - TPS62067DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62067DSGR TI-TPS62067DSGR Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results

Similar Description - TPS62067DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com